Electronic Components Datasheet Search
  English  ▼

X  

LT1175 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1175
Description  500mA Negative Low Dropout Micropower Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175 Datasheet(HTML) 2 Page - Linear Technology

  LT1175 Datasheet HTML 1Page - Linear Technology LT1175 Datasheet HTML 2Page - Linear Technology LT1175 Datasheet HTML 3Page - Linear Technology LT1175 Datasheet HTML 4Page - Linear Technology LT1175 Datasheet HTML 5Page - Linear Technology LT1175 Datasheet HTML 6Page - Linear Technology LT1175 Datasheet HTML 7Page - Linear Technology LT1175 Datasheet HTML 8Page - Linear Technology LT1175 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1175
ABSOLUTE MAXIMUM RATINGS
SHDN Pin to VIN Pin Voltage .......................... 30V, –5V
Operating Junction Temperature Range
LT1175C .............................................. 0
°C to 125°C
LT1175I .......................................... – 40
°C to 125°C
Ambient Operating Temperature Range
LT1175C ................................................ 0
°C to 70°C
LT1175I ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
PACKAGE/ORDER INFORMATION
Input Voltage (Transient 1 sec, Note 11) ................ 25V
Input Voltage (Continuous) .................................... 20V
Input-to-Output Differential Voltage (Note 12) ........ 20V
5V SENSE Pin (with Respect to GND Pin) ...... 2V, – 10V
ADJ SENSE Pin
(with Respect to OUTPUT Pin) ................ 20V, – 0.5V
5V SENSE Pin
(with Respect to OUTPUT Pin) .................. 20V, – 7V
Output Reverse Voltage ............................................ 2V
SHDN Pin to GND Pin Voltage (Note 2) ..... 13.5V, – 20V
ELECTRICAL CHARACTERISTICS
ORDER
PART NUMBER
1
2
3
FRONT VIEW
TAB IS
INPUT
GND
VIN
OUTPUT
ST PACKAGE
3-LEAD PLASTIC SOT-223
ORDER
PART NUMBER
SHDN
GND
INPUT
SENSE
OUTPUT
Q PACKAGE
5-LEAD PLASTIC DD
FRONT VIEW
TAB
IS
INPUT
5
4
3
2
1
LT1175CN8
LT1175CN8-5
LT1175IN8
LT1175IN8-5
ORDER
PART NUMBER
ORDER
PART NUMBER
ORDER
PART NUMBER
θJA = 50°C/W WITH BACKPLANE
AND 10cm2 TOPSIDE LAND
SOLDERED TO TAB
θJA = 27°C/ W TO 60°C/W DEPENDING
ON PC MOUNTING. SEE DATA SHEET
FOR DETAILS
LT1175CT
LT1175CT-5
LT1175IT
LT1175IT-5
LT1175CST-5
LT1175IST-5
LT1175CQ
LT1175CQ-5
LT1175IQ
LT1175IQ-5
θJA = 60°C/ W TO 100°C/W DEPENDING
ON PC BOARD LAYOUT
T PACKAGE
5-LEAD PLASTIC TO-220
FRONT VIEW
5
4
3
2
1
SHDN
GND
INPUT
SENSE
OUTPUT
TAB IS
INPUT
θJA = 50°C/ W, θJC = 5°C/ W
Consult factory for Military grade parts.
PINS 1, 8 ARE INTERNALLY
CONNECTED TO DIE
ATTACH PADDLE FOR HEAT
SINKING. ELECTRICAL
CONTACT CAN BE MADE TO
EITHER PIN. FOR BEST
THERMAL RESISTANCE,
PINS 1, 8 SHOULD BE
CONNECTED TO AN
EXPANDED LAND THAT IS
OVER AN INTERNAL OR
BACKSIDE PLANE.
SEE APPLICATIONS
INFORMATION
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VIN
ILIM2
OUTPUT
SENSE
VIN
ILIM4
SHDN
GND
LT1175CS8
LT1175CS8-5
LT1175IS8
LT1175IS8-5
S8 PART MARKING
1175I
1175I5
1175
11755
θJA = 80°C/W TO 120°C/W DEPENDING
ON PC BOARD LAYOUT
1
2
3
4
8
7
6
5
TOP VIEW
VIN
ILIM2
OUTPUT
SENSE
VIN
ILIM4
SHDN
GND
N8 PACKAGE
8-LEAD PDIP
(Note 1)
The q denotes specifications which apply over the operating temperature
range, otherwise specifications are at TA = 25°C. VOUT = 5V, VIN = 7V, IOUT = 0, VSHDN = 3V, ILIM2 and ILIM4 tied to VIN, TJ = 25°C,
unless otherwise noted. To avoid confusion with “min” and “max” as applied to negative voltages, all voltages are shown as
absolute values except where polarity is not obvious.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Feedback Sense Voltage
Adjustable Part
3.743
3.8
3.857
V
Fixed 5V Part
4.93
5.0
5.075
V
Output Voltage Initial Accuracy
Adjustable, Measured at 3.8V Sense
0.5
1.5
%
Fixed 5V
0.5
1.5
%
Output Voltage Accuracy (All Conditions)
VIN – VOUT = 1V to VIN = 20V, IOUT = 0A to 500mA
q
1.5
2.5
%
P = 0 to PMAX, TJ = TMIN to TMAX (Note 3)
Quiescent Input Supply Current
VIN – VOUT ≤ 12V
45
65
µA
q
80
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com