Electronic Components Datasheet Search
  English  ▼

X  

LT1175 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1175
Description  500mA Negative Low Dropout Micropower Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175 Datasheet(HTML) 3 Page - Linear Technology

  LT1175 Datasheet HTML 1Page - Linear Technology LT1175 Datasheet HTML 2Page - Linear Technology LT1175 Datasheet HTML 3Page - Linear Technology LT1175 Datasheet HTML 4Page - Linear Technology LT1175 Datasheet HTML 5Page - Linear Technology LT1175 Datasheet HTML 6Page - Linear Technology LT1175 Datasheet HTML 7Page - Linear Technology LT1175 Datasheet HTML 8Page - Linear Technology LT1175 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1175
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the operating temperature
range, otherwise specifications are at TA = 25°C. VOUT = 5V, VIN = 7V, IOUT = 0, VSHDN = 3V, ILIM2 and ILIM4 tied to VIN, TJ = 25°C,
unless otherwise noted. To avoid confusion with “min” and “max” as applied to negative voltages, all voltages are shown as
absolute values except where polarity is not obvious.
GND Pin Current Increase with Load (Note 4)
q
10
20
µA/mA
Input Supply Current in Shutdown
VSHDN = 0V
10
20
µA
q
25
µA
Shutdown Thresholds (Note 9)
Either Polarity On SHDN Pin
q
0.8
2.5
V
SHDN Pin Current (Note 2)
VSHDN = 0V to 10V (Flows Into Pin)
q
48
µA
VSHDN = – 15V to 0V (Flows Into Pin)
1
4
µA
Output Bleed Current in Shutdown (Note 6)
VOUT = 0V, VIN = 15V
0.1
1
µA
q
15
µA
SENSE Pin Input Current
(Adjustable Part Only, Current Flows Out of Pin)
q
75
150
nA
(Fixed Voltage Only, Current Flows Out of Pin)
q
12
20
µA
Dropout Voltage (Note 7)
IOUT = 25mA
q
0.1
0.2
V
IOUT = 100mA
q
0.18
0.26
V
IOUT = 500mA
q
0.5
0.7
V
ILIM2 Open, IOUT = 300mA
q
0.33
0.5
V
ILIM4 Open, IOUT = 200mA
q
0.3
0.45
V
ILIM2, ILIM4 Open, IOUT = 100mA
q
0.26
0.45
V
Current Limit (Note 11)
VIN – VOUT = 1V to 12V
q
520
800
1300
mA
ILIM2 Open
q
390
600
975
mA
ILIM4 Open
q
260
400
650
mA
ILIM2, ILIM4 Open
q
130
200
325
mA
Line Regulation (Note 10)
VIN – VOUT = 1V to VIN = 20V
q
0.003
0.015
%/V
Load Regulation (Note 5, 10)
IOUT = 0mA to 500mA
q
0.1
0.35
%
Thermal Regulation
P = 0 to PMAX (Notes 3, 8)
5-Pin Packages
0.04
0.1
%/W
8-Pin Packages
0.1
0.2
%/W
Output Voltage Temperature Drift
TJ = 25°C to TJMIN, or 25°C to TJMAX
0.25
1.25
%
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN and VOUT. For currents between 100mA and 500mA, with both ILIM
pins tied to VIN, maximum dropout can be calculated from
VDO = 0.15 + 1.1Ω (IOUT).
Note 8: Thermal regulation is a change in the output voltage caused by die
temperature gradients, so it is proportional to chip power dissipation.
Temperature gradients reach final value in less than 100ms. Output
voltage changes after 100ms are due to absolute die temperature changes
and reference voltage temperature coefficient.
Note 9: The lower limit of 0.8V is guaranteed to keep the regulator in
shutdown. The upper limit of 2.5V is guaranteed to keep the regulator
active. Either polarity may be used, referenced to GND pin.
Note 10: Load and line regulation are measured on a pulse basis with
pulse width of 20ms or less to keep chip temperature constant. DC
regulation will be affected by thermal regulation (Note 8) and chip
temperature changes. Load regulation specification also holds for currents
up to the specified current limit when ILIM2 or ILIM4 are left open.
Note 11: Current limit is reduced for input-to-output voltage above 12V.
See the graph in Typical Performance Characteristics for guaranteed limits
above 12V.
Note 12: Operating at very large input-to-output differential voltages
(>15V) with load currents less than 5mA requires an output capacitor with
an ESR greater than 1
Ω to prevent low level output oscillations.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: SHDN pin maximum positive voltage is 30V with respect to
–VIN and 13.5V with respect to GND. Maximum negative voltage is – 20V
with respect to GND and – 5V with respect to – VIN.
Note 3: PMAX = 1.5W for 8-pin packages, and 6W for 5-pin packages. This
power level holds only for input-to-output voltages up to 12V, beyond
which internal power limiting may reduce power. See Guaranteed Current
Limit curve in Typical Performance Characteristics section. Note that all
conditions must be met.
Note 4: GND pin current increases because of power transistor base drive.
At low input-to-output voltages (< 1V) where the power transistor is in
saturation, GND pin current will be slightly higher. See Typical
Performance Characteristics.
Note 5: With ILOAD = 0, at TJ > 125°C, power transistor leakage could
increase higher than the 10
µA to 25µA drawn by the output divider or fixed
voltage SENSE pin, causing the output to rise above the regulated value.
To prevent this condition, an internal active pull-up will automatically turn
on, but supply current will increase.
Note 6: This is the current required to pull the output voltage to within 1V
of ground during shutdown.
Note 7: Dropout voltage is measured by setting the input voltage equal to
the normal regulated output voltage and measuring the difference between



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com