Electronic Components Datasheet Search
  English  ▼

X  

LT1182 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1182
Description  CCFL/LCD Contrast Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1182 Datasheet(HTML) 1 Page - Linear Technology

  LT1182 Datasheet HTML 1Page - Linear Technology LT1182 Datasheet HTML 2Page - Linear Technology LT1182 Datasheet HTML 3Page - Linear Technology LT1182 Datasheet HTML 4Page - Linear Technology LT1182 Datasheet HTML 5Page - Linear Technology LT1182 Datasheet HTML 6Page - Linear Technology LT1182 Datasheet HTML 7Page - Linear Technology LT1182 Datasheet HTML 8Page - Linear Technology LT1182 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LT1182/LT1183/LT1184/LT1184F
CCFL/LCD Contrast
Switching Regulators
s
Wide Input Voltage Range: 3V to 30V
s
Low Quiescent Current
s
High Switching Frequency: 200kHz
s
CCFL Switch : 1.25A, LCD Switch: 625mA
s
Grounded or Floating Lamp Configurations
s
Open-Lamp Protection
s
Positive or Negative Contrast Capability
FEATURES
DESCRIPTION
APPLICATIONS
The LT
®1182/LT1183 are dual current mode switching
regulators that provide the control function for Cold Cath-
ode Fluorescent Lighting (CCFL) and Liquid Crystal Display
(LCD) Contrast. The LT1184/LT1184F provide only the
CCFL function. The ICs include high current, high efficiency
switches, an oscillator, a reference, output drive logic,
control blocks and protection circuitry. The LT1182 per-
mits positive or negative voltage LCD contrast operation.
The LT1183 permits unipolar contrast operation and pins
out an internal reference. The LT1182/LT1183 support
grounded and floating lamp configurations. The LT1184F
supports grounded and floating lamp configurations. The
LT1184 supports only grounded lamp configurations. The
s
Notebook and Palmtop Computers
s
Portable Instruments
s
Automotive Displays
s
Retail Terminals
90% Efficient Floating CCFL Configuration with Dual Polarity LCD Contrast
TYPICAL APPLICATION
, LTC and LT are registered trademarks of Linear Technology Corporation.
C12
2.2
µF
35V
BAT
8V TO 28V
POSCON
NEGCON
1182/3 TA01
EITHER NEGCON OR POSCON
MUST BE GROUNDED.
GROUNDING NEGCON GIVES
VARIABLE POSITIVE CONTRAST
FROM 10V TO 30V.
GROUNDING POSCON GIVES
VARIABLE NEGATIVE CONTRAST
FROM –10V TO – 30V.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ICCFL
DIO
CCFL VC
AGND
SHDN
LCD VC
CCFL VSW
BULB
BAT
ROYER
VIN
FBP
FBN
LCD VSW
CCFL
PGND
LCD
PGND
LT1182
LAMP
UP TO 6mA
10
6
L1
L3
R1
750
Ω
L2
100
µH
3
2
1
5
4
+
+
+
ALUMINUM ELECTROLYTIC IS RECOMMENDED FOR C3B WITH AN
ESR
≥ 0.5Ω TO PREVENT DAMAGE TO THE LT1182 HIGH-SIDE
SENSE RESISTOR DUE TO SURGE CURRENTS AT TURN-ON.
C7, 1
µF
C1*
0.068
µF
D1
1N5818
D2
1N914
D4
1N914
V (PWM)
0V TO 5V
1kHz PWM
SHUTDOWN
C8, 0.68
µF
R7, 10K
C5
1000pF
R2
220k
R3
100k
C3A
2.2
µF
35V
C11
22
µF
35V
R13
8.45k
1%
R14
1.21k
1%
5V
R10, 10k, 1%
R9, 4.99k, 1%
C4
2.2
µF
VIN
≥ 3V
D3
1N5934A
24V
C3B
2.2
µF
35V
C2
27pF
3kV
+
C1 MUST BE A LOW LOSS CAPACITOR, C1 = WIMA MKP-20
Q1, Q2 = ZETEX ZTX849 OR ROHM 2SC5001
L1 = COILTRONICS CTX210605
L2 = COILTRONICS CTX100-4
L3 = COILTRONICS CTX02-12403
*DO NOT SUBSTITUTE COMPONENTS
COILTRONICS (407) 241-7876
Q2*
Q1*
N = 1:2
0
µA TO 45µA ICCFL
CURRENT GIVES
0mA TO 6mA
BULB CURRENT.
THIS IS EQUAL TO
0% TO 90% DUTY
CYCLE FOR THE
PWM SIGNAL.
R12
20k
R5, 43.2k, 1%
C6
2.2
µF
R4
46.4k
1%
+
D5
BAT85
C10
0.01
µF
R11, 20k, 1%
C9, 0.01
µF
2
4
6
9
+
CCFL BACKLIGHT APPLICATION CIRCUITS CONTAINED IN THIS
DATA SHEET ARE COVERED BY U.S. PATENT NUMBER 5408162
AND OTHER PATENTS PENDING


Similar Part No. - LT1182

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1182 LINER-LT1182_15 Datasheet
340Kb / 24P
CCFL/LCD Contrast Switching Regulators
More results

Similar Description - LT1182

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX753 MAXIM-MAX753 Datasheet
103Kb / 16P
CCFL Backlight and LCD Contrast Controllers
Rev 1; 1/95
logo
Micro Linear Corporatio...
ML4876 MICRO-LINEAR-ML4876 Datasheet
174Kb / 9P
LCD Backlight Lamp Driver with Contrast
logo
Cooper Bussmann, Inc.
SD3814-1R2-R COOPER-SD3814-1R2-R Datasheet
372Kb / 4P
Switching Regulators
logo
Linear Technology
LT1186F LINER-LT1186F_15 Datasheet
221Kb / 16P
DAC Programmable CCFL Switching Regulator
LT1182 LINER-LT1182_15 Datasheet
340Kb / 24P
CCFL/LCD Contrast Switching Regulators
LT1183 LINER-LT1183_15 Datasheet
340Kb / 24P
CCFL/LCD Contrast Switching Regulators
LT1184 LINER-LT1184_15 Datasheet
340Kb / 24P
CCFL/LCD Contrast Switching Regulators
LT1184F LINER-LT1184F_15 Datasheet
340Kb / 24P
CCFL/LCD Contrast Switching Regulators
logo
List of Unclassifed Man...
OZ9936 ETC1-OZ9936 Datasheet
181Kb / 11P
OZ9936 / LCD Monitor CCFL Inverter Controller
logo
Maxim Integrated Produc...
MAX753 MAXIM-MAX753_V01 Datasheet
433Kb / 16P
CCFL Backlight and LCD Contrast Controllers
1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com