Electronic Components Datasheet Search
  English  ▼

X  

LT1182 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1182
Description  CCFL/LCD Contrast Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1182 Datasheet(HTML) 5 Page - Linear Technology

  LT1182 Datasheet HTML 1Page - Linear Technology LT1182 Datasheet HTML 2Page - Linear Technology LT1182 Datasheet HTML 3Page - Linear Technology LT1182 Datasheet HTML 4Page - Linear Technology LT1182 Datasheet HTML 5Page - Linear Technology LT1182 Datasheet HTML 6Page - Linear Technology LT1182 Datasheet HTML 7Page - Linear Technology LT1182 Datasheet HTML 8Page - Linear Technology LT1182 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LT1182/LT1183/LT1184/LT1184F
TEMPERATURE (
°C)
–75
87
91
95
93
89
85
81
77
125 150
LT1182 • G09
83
79
75
–25 0
–50
25 50
75 100
175
TEMPERATURE (
°C)
–75
87
91
95
93
89
85
81
77
125 150
LT1182 • G07
83
79
75
–25 0
–50
25 50
75 100
175
TYPICAL PERFORMANCE CHARACTERISTICS
LT1184/LT1184F Supply Current
vs Temperature
LT1182/LT1183 Supply Current
vs Temperature
Shutdown Input Bias Current
vs Temperature
TEMPERATURE (
°C)
0
2
4
6
5
3
1
–25
25
75
125
LT1182 G04
175
–50
–75
0
50
100
150
VIN = 5V
VIN = 3V
VIN = 30V
Shutdown Threshold Voltage
vs Temperature
TEMPERATURE (
°C)
0.6
0.8
1.0
1.2
1.1
0.9
0.7
–25
25
75
125
LT1182 G05
175
–50
–75
0
50
100
150
TEMPERATURE (
°C)
–75
220
240
125
LT1182 • G06
200
180
160
–25
25
75
175
210
230
190
170
100
–50
0
50
150
VIN = 30V
VIN = 3V
CCFL Frequency vs Temperature
LCD Duty Cycle vs Temperature
LCD Frequency vs Temperature
CCFL Duty Cycle vs Temperature
Shutdown Current
vs Temperature
TEMPERATURE (
°C)
–75
10
12
14
13
11
9
7
5
125
LT1182 G01
8
6
4
–25
– 50
0
50
100
150
25
75
175
VIN = 30V
VIN = 3V
TEMPERATURE (
°C)
–75
60
8O
100
90
70
50
30
10
125
LT1182 G03
40
20
0
–25
– 50
0
50
100
150
25
75
175
VIN = 30V
VIN = 5V
VIN = 3V
TEMPERATURE (
°C)
–75
6
8
10
9
7
5
3
1
125
LT1182 G02
4
2
0
–25
– 50
0
50
100
150
25
75
175
VIN = 30V
VIN = 3V
TEMPERATURE (
°C)
–75
220
240
125
LT1182 • G08
200
180
160
–25
25
75
175
210
230
190
170
100
–50
0
50
150
VIN = 3V
VIN = 30V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com