Electronic Components Datasheet Search
  English  ▼

X  

LT1172HVC Datasheet(PDF) 10 Page - Linear Technology

Part # LT1172HVC
Description  100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1172HVC Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1172HVC Datasheet HTML 6Page - Linear Technology LT1172HVC Datasheet HTML 7Page - Linear Technology LT1172HVC Datasheet HTML 8Page - Linear Technology LT1172HVC Datasheet HTML 9Page - Linear Technology LT1172HVC Datasheet HTML 10Page - Linear Technology LT1172HVC Datasheet HTML 11Page - Linear Technology LT1172HVC Datasheet HTML 12Page - Linear Technology LT1172HVC Datasheet HTML 13Page - Linear Technology LT1172HVC Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1170/LT1171/LT1172
Flyback Converter
LCD Contrast Supply
1170/1/2 TA03
D1
C1
2000
µF
C4*
100
µF
C2
0.15
µF
R1
3.74k
R2
1.24k
VIN
20V TO 30V
R3
1.5k
*REQUIRED IF INPUT LEADS
≥ 2"
LT1170
VIN
VSW
FB
VC
OPTIONAL
FILTER
L2
5
µH
C4
100
µF
VOUT
5V
6A
VSNUB
CLAMP TURN-ON
SPIKE
PRIMARY FLYBACK VOLTAGE =
LT1170 SWITCH VOLTAGE
AREA “a” = AREA “b” TO MAINTAIN
ZERO DC VOLTS ACROSS PRIMARY
SECONDARY VOLTAGE
AREA “c” = AREA “d” TO MAINTAIN
ZERO DC VOLTS ACROSS SECONDARY
PRIMARY CURRENT
SECONDARY CURRENT
LT1170 SWITCH CURRENT
SNUBBER DIODE CURRENT
VOUT + Vf
N
0V
VIN
a
b
0V
c
d
VOUT + Vf
N • VIN
∆I
IPRI
0
IPRI/N
IPRI
IPRI
t =
(IPRI)(LL)
VSNUB
0
0
0
1
N* = 1/3
N*
D3
25V
1W
D2
MUR110
GND
+
+
C4
0.047
µF
VOUT
–10V TO –26V
1170/1/2 TA04
R3
15k
OPTIONAL
SHUTDOWN
R2
100k
R1
200k
C1
1
µF
TANTALUM
D1
1N914
C3
0.0047
µF
C2***
2
µF
TANTALUM
D2
VN2222
5V*
L1**
50
µH
VBAT*
3V TO 20V
VIN
VC
FB
VSW
LT1172
E2
E1
GND
D3
*
**
***
D2, D3 = ER82.004 600mA SCHOTTKY. OTHER FAST SWITCHING TYPES MAY BE USED.
VIN AND BATTERY MAY BE TIED TOGETHER. MAXIMUM VALUE FOR VBAT IS EQUAL TO THE NEGATIVE OUTPUT + 1V. WITH HIGHER
BATTERY VOLTAGES, HIGHEST EFFICIENCY IS OBTAINED BY RUNNING THE LT1172 VIN PIN FROM 5V. SHUTTING OFF THE 5V SUPPLY
WILL AUTOMATICALLY TURN OFF THE LT1172. EFFICIENCY IS ABOUT 80% AT IOUT = 25mA.
R1, R2, R3 ARE MADE LARGE TO MINIMIZE BATTERY DRAIN IN SHUTDOWN, WHICH IS APPROXIMATELY VBAT /(R1 + R2 + R3).
FOR HIGH EFFICIENCY, L1 SHOULD BE MADE ON A FERRITE OR MOLYPERMALLOY CORE. PEAK INDUCTOR CURRENTS ARE ABOUT
600mA AT POUT = 0.7Ω. INDUCTOR SERIES RESISTANCE SHOULD BE LESS THAN 0.4Ω FOR HIGH EFFICIENCY.
OUTPUT RIPPLE IS ABOUT 200mVP-P TO 400mVP-P WITH C2 = 2µF TANTALUM. IF LOWER RIPPLE IS DESIRED, INCREASE C2, OR ADD
A 10
Ω , 1µF TANTALUM OUTPUT FILTER.
+
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com