Electronic Components Datasheet Search
  English  ▼

X  

LT1172HVC Datasheet(PDF) 20 Page - Linear Technology

Part # LT1172HVC
Description  100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1172HVC Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1172HVC Datasheet HTML 12Page - Linear Technology LT1172HVC Datasheet HTML 13Page - Linear Technology LT1172HVC Datasheet HTML 14Page - Linear Technology LT1172HVC Datasheet HTML 15Page - Linear Technology LT1172HVC Datasheet HTML 16Page - Linear Technology LT1172HVC Datasheet HTML 17Page - Linear Technology LT1172HVC Datasheet HTML 18Page - Linear Technology LT1172HVC Datasheet HTML 19Page - Linear Technology LT1172HVC Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1170/LT1171/LT1172
©LINEAR TECHNOLOGY CORPORATION 1991
117012fe LT/TP 1299 2K REV E • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LT1070/LT1071/LT1072
5A/2.5A/1.25A High Efficiency Switching Regulators
40kHz, VIN to 60V, VSW to 75V
LT1074/LT1076
5.5A/2A Step-Down Switching Regulators
100kHz, Also for Positive-to-Negative Conversion
LT1082
1A, High Voltage, High Efficiency Switching Regulator
VIN to 75V, VSW to 100V, Telecom
LT1268/LT1268B
7.5A, 150kHz Switching Regulators
VIN to 30V, VSW to 60V
LT1269/LT1271
4A High Efficiency Switching Regulators
100kHz/60kHz, VIN to 30V, VSW to 60V
LT1270/LT1270A
8A and 10A High Efficiency Switching Regulators
60kHz, VIN to 30V, VSW to 60V
LT1370
500kHz High Efficiency 6A Switching Regulator
High Power Boost, Flyback, SEPIC
LT1371
500kHz High Efficiency 3A Switching Regulator
Good for Boost, Flyback, Inverting, SEPIC
LT1372/LT1377
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
Directly Regulates
±VOUT
LT1373
250kHz Low Supply Current High Efficiency 1.5A Switching Regulator
Low 1mA Quiescent Current
LT1374
4A, 500kHz Step-Down Switching Regulator
Synchronizable, VIN to 25V
LT1375/LT1376
1.5A, 500kHz Step-Down Switching Regulators
Up to 1.25A Out from an SO-8
LT1425
Isolated Flyback Switching Regulator
6W Output,
±5% Regulation,
No Optocoupler Needed
LT1507
500kHz Monolithic Buck Mode Switching Regulator
1.5A Switch, Good for 5V to 3.3V
LT1533
Ultralow Noise 1A Switching Regulator
Push-Pull, <100
µVP-P Output Noise
RELATED PARTS
Positive Current Boosted Buck Converter
1170/1/2 TA18
C1
0.33
µF
470
Ω
2W
R7
1k
VIN
28V
R3
680
Ω
LT1170
VIN
VSW
FB
VC
1: N
D2
R2
1.24k
C3
0.47
µF
D1
VOUT
5V, 10A
N
≈ 0.25
R4
1.24k
GND
C5*
100
µF
R6
470
Ω
C6
0.002
µF
–
+
C4
0.01
µF
7
VIN
6
4
8
200pF
2
3
R5
5k
R1
5k
C2
5000
µF
* REQUIRED IF INPUT LEADS
≥ 2"
LM308
+
+
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com