Electronic Components Datasheet Search
  English  ▼

X  

LT1182CS Datasheet(PDF) 23 Page - Linear Technology

Part # LT1182CS
Description  CCFL/LCD Contrast Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1182CS Datasheet(HTML) 23 Page - Linear Technology

Back Button LT1182CS Datasheet HTML 16Page - Linear Technology LT1182CS Datasheet HTML 17Page - Linear Technology LT1182CS Datasheet HTML 18Page - Linear Technology LT1182CS Datasheet HTML 19Page - Linear Technology LT1182CS Datasheet HTML 20Page - Linear Technology LT1182CS Datasheet HTML 21Page - Linear Technology LT1182CS Datasheet HTML 22Page - Linear Technology LT1182CS Datasheet HTML 23Page - Linear Technology LT1182CS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23
LT1182/LT1183/LT1184/LT1184F
TYPICAL APPLICATIONS N
LT1182 LCD Contrast Positive Boost Converter
C13
2.2
µF
35V
BAT
8V TO 28V
POSCON
VOUT ≥ VIN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ICCFL
DIO
CCFL VC
AGND
SHDN
LCD VC
CCFL VSW
BULB
BAT
ROYER
VIN
FBP
FBN
LCD VSW
CCFL
PGND
LCD
PGND
LT1182
+
C8
0.068
µF R7
33K
R13
8.45k
1%
R14
1.21k
1%
C4
2.2
µF
VIN
≥ 3V
R12
20k
+
C10
0.01
µF
L3
50
µH
COILTRONICS CTX50-4
D5
1N914
+
C11
22
µF
35V
1182 TA12
LT1182 LCD Contrast Positive Boost/Charge Pump Converter
C13
2.2
µF
35V
BAT
8V TO 28V
POSCON
VOUT ≥ VIN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ICCFL
DIO
CCFL VC
AGND
SHDN
LCD VC
CCFL VSW
BULB
BAT
ROYER
VIN
FBP
FBN
LCD VSW
CCFL
PGND
LCD
PGND
LT1182
+
C8
0.068
µF R7
33K
R13
8.45k
1%
R14
1.21k
1%
C4
2.2
µF
VIN
≥ 3V
R12
20k
+
C10
0.01
µF
1182 TA13
L3
50
µH
COILTRONICS CTX50-4
D4
1N914
C11
22
µF
35V
D5
1N914
+
C11
22
µF
35V
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com