Electronic Components Datasheet Search
  English  ▼

X  

LT1182CS Datasheet(PDF) 24 Page - Linear Technology

Part # LT1182CS
Description  CCFL/LCD Contrast Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1182CS Datasheet(HTML) 24 Page - Linear Technology

Back Button LT1182CS Datasheet HTML 16Page - Linear Technology LT1182CS Datasheet HTML 17Page - Linear Technology LT1182CS Datasheet HTML 18Page - Linear Technology LT1182CS Datasheet HTML 19Page - Linear Technology LT1182CS Datasheet HTML 20Page - Linear Technology LT1182CS Datasheet HTML 21Page - Linear Technology LT1182CS Datasheet HTML 22Page - Linear Technology LT1182CS Datasheet HTML 23Page - Linear Technology LT1182CS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LT1182/LT1183/LT1184/LT1184F
TYPICAL APPLICATIONS N
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
LT/GP 0495 10K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1995
LT1182 LCD Contrast Positive to Negative/Charge Pump Converter
C13
2.2
µF
35V
BAT
8V TO 28V
NEGCON
|VOUT| ≥ VIN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ICCFL
DIO
CCFL VC
AGND
SHDN
LCD VC
CCFL VSW
BULB
BAT
ROYER
VIN
FBP
FBN
LCD VSW
CCFL
PGND
LCD
PGND
LT1182
+
C8
0.068
µF
R7
33K
5V
R10
10k
1%
R9
4.99k
1%
C4
2.2
µF
VIN
≥ 3V
+
R11
20k
1%
C9
0.01
µF
L3
CTX50-4
COILTRONICS CTX50-4
D4
1N914
C11
22
µF
35V
D5
1N914
C11
22
µF
35V
1182 TA14
PART NUMBER
FREQUENCY
SWITCH CURRENT
DESCRIPTION
LT1107
63kHz
1A
Micropower DC/DC Converter for LCD Contrast Control
Hysteretic
LT1172
100kHz
1.25A
Current Mode Switching Regulator for CCFL or LCD
Contrast Control
LT1173
24kHZ
1A
Micropower DC/DC Converter for LCD Contrast Control
Hysteretic
LT1186
200kHz
1.25A
CCFL Switching Regulator with DAC for “Bits to
Brightness Control”
LT1372
500kHz
1.5A
Current Mode Switching Regulator for CCFL or LCD
Contrast Control
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).
1
2
3
4
5
6
7
8
0.150 – 0.157*
(3.810 – 3.988)
16
15
14
13
0.386 – 0.394*
(9.804 – 10.008)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
S Package
16-Lead Plastic SOIC
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com