Electronic Components Datasheet Search
  English  ▼

X  

LT1195M Datasheet(PDF) 5 Page - Linear Technology

Part # LT1195M
Description  Low Power, High Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1195M Datasheet(HTML) 5 Page - Linear Technology

  LT1195M Datasheet HTML 1Page - Linear Technology LT1195M Datasheet HTML 2Page - Linear Technology LT1195M Datasheet HTML 3Page - Linear Technology LT1195M Datasheet HTML 4Page - Linear Technology LT1195M Datasheet HTML 5Page - Linear Technology LT1195M Datasheet HTML 6Page - Linear Technology LT1195M Datasheet HTML 7Page - Linear Technology LT1195M Datasheet HTML 8Page - Linear Technology LT1195M Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1195
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TEMPERATURE (°C)
–50
V+
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
V–
0
25
75
125
1195 G03
–25
50
100
V+ = 1.8V TO 9V
V+ = –1.8V TO –9V
Common-Mode Voltage vs
Temperature
Equivalent Input Noise Voltage
vs Frequency
Equivalent Input Noise Current
vs Frequency
Output Voltage Swing vs
Load Resistance
COMMON-MODE VOLTAGE (V)
–5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–2
0
2
4
1195 G01
–4
–1
1
3
–3
5
VS = ±5V
–55°C
25°C
125°C
TEMPERATURE (°C)
–50
100
0
–100
–200
–300
–400
0
25
75
125
1195 G02
–25
50
100
+IB
–IB
IOS
VS = ±5V
Input Bias Current vs
Temperature
Input Bias Current vs
Common-Mode Voltage
FREQUENCY (Hz)
600
500
400
300
200
100
0
10
1k
10k
100k
1195 G04
100
VS = ±5V
TA = 25°C
RS = 0Ω
FREQUENCY (Hz)
14
12
10
8
6
4
2
10
1k
10k
100k
1195 G05
100
VS = ±5V
TA = 25°C
RS = 100k
±SUPPLY VOLTAGE (V)
0
16
14
12
10
8
246
10
1195 G06
8
–55°C
125°C
25°C
Supply Current vs Supply Voltage
Shutdown Supply Current
vs Temperature
LOAD RESISTANCE (
Ω)
10
5
3
1
–1
–3
–5
100
1k
1195 G08
TA = –55°C
TA = 125°C
TA = 25°C
VS = ±5V
TA = 125°C
TA = 25°C
TA = –55°C
TEMPERATURE (°C)
–50
10k
8k
6k
4k
2k
0
0
25
75
125
1195 G09
–25
50
100
RL = 1k
VS = ±5V
VO = ±3V
RL = 150Ω
Open-Loop Gain vs Temperature
TEMPERATURE (°C)
–50
6
5
4
3
2
1
0
0
25
75
125
1195 G07
–25
50
100
VS = ±5V
VS/D = –VEE + 0.6V
VS/D = –VEE + 0.2V
VS/D = –VEE + 0.4V
VS/D = –VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com