Electronic Components Datasheet Search
  English  ▼

X  

LT1195M Datasheet(PDF) 6 Page - Linear Technology

Part # LT1195M
Description  Low Power, High Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1195M Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1195M Datasheet HTML 2Page - Linear Technology LT1195M Datasheet HTML 3Page - Linear Technology LT1195M Datasheet HTML 4Page - Linear Technology LT1195M Datasheet HTML 5Page - Linear Technology LT1195M Datasheet HTML 6Page - Linear Technology LT1195M Datasheet HTML 7Page - Linear Technology LT1195M Datasheet HTML 8Page - Linear Technology LT1195M Datasheet HTML 9Page - Linear Technology LT1195M Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1195
FREQUENCY (Hz)
100k
1M
10M
100M
1195 G10
100
80
60
40
20
0
–20
100
80
60
40
20
0
–20
VS = ±5V
TA = 25°C
RL = 1k
PHASE
GAIN
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Gain-Bandwidth Product vs
Supply Voltage
Common-Mode Rejection Ratio
vs Frequency
Power Supply Rejection Ratio
vs Frequency
Gain and Phase vs Frequency
±SUPPLY VOLTAGE (V)
0
60
50
40
30
20
246
10
1195 G12
8
TA = –55°C
TA = 125°C
TA = 25°C
AV = 20dB
Open-Loop Voltage Gain vs
Load Resistance
LOAD RESISTANCE (
Ω)
100
20k
16k
12k
8k
4k
0
1k
10k
1195 G11
VS = ±5V
VO = ±3V
TA = 25°C
TEMPERATURE (°C)
–50
100
90
80
70
60
50
40
30
25
75
1195 G13
–25
0
50
100
125
90
80
70
60
50
40
30
20
UNITY-GAIN
FREQUENCY
VS = ±5V
RL = 1k
UNITY-GAIN
PHASE MARGIN
FREQUENCY (Hz)
100
10
1
0.1
0.01
1k
100k
10M
1195 G14
10k
1M
100M
VS = ±5V
TA = 25°C
AV = 10
AV = 1
FREQUENCY (Hz)
100k
1M
10M
100M
1195 G15
60
50
40
30
20
10
0
VS = ±5V
TA = 25°C
RL = 1k
FREQUENCY (Hz)
80
60
40
20
0
–20
100M
10k
100k
10M
1195 G16
1k
1M
VS = ±5V
TA = 25°C
VRIPPLE = ±300mV
+PSRR
–PSRR
TEMPERATURE (°C)
–50
36
35
34
33
32
31
30
0
25
75
125
1195 G17
–25
50
100
VS = ±5V
Unity-Gain Frequency and Phase
Margin vs Temperature
Output Impedance vs Frequency
Output Short-Circuit Current
vs Temperature
SUPPLY VOLTAGE (V)
0
–0.7
–0.8
–0.9
–1.0
–1.1
0.5
0.4
0.3
0.2
0.1
V–
2
4
10
1195 G18
6
8
V+
25°C
125°C
–55°C
25°C
125°C
–55°C
RL = RFB
±1.8V
≤ VS ≤ ±9V
±Output Swing vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com