Electronic Components Datasheet Search
  English  ▼

X  

LTC3448 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3448
Description  1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3448 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3448_15 Datasheet HTML 8Page - Linear Technology LTC3448_15 Datasheet HTML 9Page - Linear Technology LTC3448_15 Datasheet HTML 10Page - Linear Technology LTC3448_15 Datasheet HTML 11Page - Linear Technology LTC3448_15 Datasheet HTML 12Page - Linear Technology LTC3448_15 Datasheet HTML 13Page - Linear Technology LTC3448_15 Datasheet HTML 14Page - Linear Technology LTC3448_15 Datasheet HTML 15Page - Linear Technology LTC3448_15 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LTC3448
3448f
APPLICATIO S I FOR ATIO
top and bottom MOSFET RDS(ON) and the duty cycle
(DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Characteris-
tics curves. Thus, to obtain I2R losses, simply add RSW
to RL and multiply the result by the square of the
average output current.
3. At load currents below the selected threshold the
LTC3448 will switch into low ripple LDO mode if en-
abled. In this case the losses are due to the DC bias
currents as given in the electrical characteristics and
I2R losses due to the (VIN – VOUT) voltage drop across
the internal pass transistor.
Other losses when in switching operation, including CIN
and COUT ESR dissipative losses and inductor core losses,
generally account for less than 2% total additional loss.
Thermal Considerations
The LTC3448 requires the package backplane metal (GND
pin) to be well soldered to the PC board. This gives the DFN
and MSOP packages exceptional thermal properties, mak-
ing it difficult in normal operation to exceed the maximum
junction temperature of the part. In most applications the
LTC3448 does not dissipate much heat due to its high
efficiency. In applications where the LTC3448 is running at
high ambient temperature with low supply voltage and high
duty cycles, such as in dropout, the heat dissipated may
exceed the maximum junction temperature of the part if it
is not well thermally grounded. If the junction temperature
reaches approximately 150
°C,bothpowerswitcheswillbe
turned off and the SW node will become high impedance.
To avoid the LTC3448 from exceeding the maximum
junction temperature, the user will need to do some
thermal analysis. The goal of the thermal analysis is to
determine whether the power dissipated exceeds the
maximum junction temperature of the part. The tempera-
ture rise is given by:
TR = PDθJA
where PD is the power dissipated by the regulator and θJA
is the thermal resistance from the junction of the die to the
ambient temperature.
The junction temperature, TJ, is given by:
TJ = TA + TR
where TA is the ambient temperature.
As an example, consider the LTC3448 in dropout at an
input voltage of 2.7V, a load current of 600mA and an
ambient temperature of 70
°C. From the typical perfor-
mance graph of switch resistance, the RDS(ON) of the
P-channel switch at 70
°C is approximately 0.52Ω. There-
fore, power dissipated by the part is:
PD = ILOAD2 • RDS(ON) = 187.2mW
For the 3mm
× 3mm DFN package, the θJA is 43°C/W.
Thus, the junction temperature of the regulator is:
TJ = 85°C + (0.1872)(43) = 93°C
which is well below the maximum junction temperature of
125
°C.
Note that at higher supply voltages, the junction tempera-
ture is lower due to reduced switch resistance RDS(ON).
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to (
∆ILOAD • ESR), where ESR is the effective series
resistance of COUT. ∆ILOAD also begins to charge or dis-
charge COUT, which generates a feedback error signal. The
regulator loop then acts to return VOUT to its steady-state
value. During this recovery time VOUT can be monitored for
overshoot or ringing that would indicate a stability prob-
lem. For a detailed explanation of switching control loop
theory, see Application Note 76.
A second, more severe transient is caused by switching in
loads with large (>1
µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com