Electronic Components Datasheet Search
  English  ▼

X  

LTC3448 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3448
Description  1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3448 Datasheet(HTML) 5 Page - Linear Technology

  LTC3448_15 Datasheet HTML 1Page - Linear Technology LTC3448_15 Datasheet HTML 2Page - Linear Technology LTC3448_15 Datasheet HTML 3Page - Linear Technology LTC3448_15 Datasheet HTML 4Page - Linear Technology LTC3448_15 Datasheet HTML 5Page - Linear Technology LTC3448_15 Datasheet HTML 6Page - Linear Technology LTC3448_15 Datasheet HTML 7Page - Linear Technology LTC3448_15 Datasheet HTML 8Page - Linear Technology LTC3448_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC3448
3448f
TYPICAL PERFOR A CE CHARACTERISTICS
(From Figure1a Except for the Resistive Divider Resistor Values)
RDS(ON) vs Temperature
Dynamic Supply Current
vs Supply Voltage
Dynamic Supply Current
vs Temperature
Switch Leakage vs Temperature
Switch Leakage vs Input Voltage
Start-Up from Shutdown
Load Step
Load Step
TEMPERATURE (
°C)
–50
0.4
0.5
0.6
25
75
3448 G10
0.3
0.2
–25
0
50
100
125
0.1
0
2.5V
3.6V
4.2V
MAIN SWITCH
2.5V
3.6V
4.2V
SYNCH SWITCH
SUPPLY VOLTAGE (V)
2
280
300
340
5
3448 G11
260
240
34
1.5MHz
2.25MHz
6
220
200
320
ILOAD = 0A
TA = 25°C
TEMPERATURE (
°C)
–50
280
300
320
25
75
3448 G12
260
240
–25
0
50
100
125
220
200
VIN = 3.6V
ILOAD = 0A
2.25MHz
1.5MHz
TEMPERATURE (
°C)
–50
200
250
350
25
75
3448 G13
150
100
–25
0
50
100
125
50
0
300
MAIN
SWITCH
VIN = 5.5V
RUN = 0V
SYNCHRONOUS
SWITCH
INPUT VOLTAGE (V)
0
0.001
0.01
0.1
1
10
12
3
4
3448 G14
56
MAIN
SWITCH
RUN = 0V
TA = 25°C
SYNCHRONOUS
SWITCH
RUN
5V/DIV
VOUT
1V/DIV
IL
500mA/DIV
VIN = 3.6V
VOUT = 1.5V
ILOAD = 600mA
40
µs/DIV
3448 G15
VOUT
200mV/DIV
AC COUPLED
IL
500mA/DIV
ILOAD
100mA/DIV
VIN = 3.6V
VOUT = 1.5V
ILOAD = 100µA TO 200mA
COUT = 10µF
10
µs/DIV
3448 G16
VOUT
100mV/DIV
AC COUPLED
IL
500mA/DIV
ILOAD
250mA/DIV
VIN = 3.6V
VOUT = 1.5V
ILOAD = 50mA TO 600mA
COUT = 10µF
10
µs/DIV
3448 G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com