Electronic Components Datasheet Search
  English  ▼

X  

LT1206CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1206CS8
Description  250mA/60MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1206CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1206CS8 Datasheet HTML 7Page - Linear Technology LT1206CS8 Datasheet HTML 8Page - Linear Technology LT1206CS8 Datasheet HTML 9Page - Linear Technology LT1206CS8 Datasheet HTML 10Page - Linear Technology LT1206CS8 Datasheet HTML 11Page - Linear Technology LT1206CS8 Datasheet HTML 12Page - Linear Technology LT1206CS8 Datasheet HTML 13Page - Linear Technology LT1206CS8 Datasheet HTML 14Page - Linear Technology LT1206CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1206
Figure 5c. Large-Signal Response, AV = 2
When the LT1206 is used to drive capacitive loads, the
available output current can limit the overall slew rate. In
the fastest configuration, the LT1206 is capable of a slew
rate of over 1V/ns. The current required to slew a capacitor
at this rate is 1mA per picofarad of capacitance, so
10,000pF would require 10A! The photo (Figure 6) shows
the large signal behavior with CL = 10,000pF. The slew rate
is about 60V/
µs,determinedbythecurrentlimitof600mA.
LT1206 • F06
Figure 6. Large-Signal Response, CL = 10,000pF
VS = ±15V
RF = RG = 3k
RL = ∞
Differential Input Signal Swing
The differential input swing is limited to about
±6V by an
ESD protection device connected between the inputs. In
normal operation, the differential voltage between the
input pins is small, so this clamp has no effect; however,
in the shutdown mode the differential swing can be the
same as the input swing. The clamp voltage will then set
the maximum allowable input voltage. To allow for some
margin, it is recommended that the input signal be less
than
±5V when the device is shut down.
Capacitance on the Inverting Input
Current feedback amplifiers require resistive feedback
from the output to the inverting input for stable operation.
Take care to minimize the stray capacitance between the
output and the inverting input. Capacitance on the invert-
ing input to ground will cause peaking in the frequency
response (and overshoot in the transient response), but it
does not degrade the stability of the amplifier.
Power Supplies
The LT1206 will operate from single or split supplies from
±5V (10V total) to ±15V (30V total). It is not necessary to
use equal value split supplies, however the offset voltage
and inverting input bias current will change. The offset
voltage changes about 500
µV per volt of supply mis-
match. The inverting bias current can change as much as
5
µA per volt of supply mismatch, though typically the
change is less than 0.5
µA per volt.
Thermal Considerations
The LT1206 contains a thermal shutdown feature which
protects against excessive internal (junction) tempera-
ture. If the junction temperature of the device exceeds the
protection threshold, the device will begin cycling be-
tween normal operation and an off state. The cycling is not
harmful to the part. The thermal cycling occurs at a slow
rate, typically 10ms to several seconds, which depends on
the power dissipation and the thermal time constants of
the package and heat sinking. Raising the ambient tem-
perature until the device begins thermal shutdown gives a
good indication of how much margin there is in the
thermal design.
For surface mount devices heat sinking is accomplished
by using the heat spreading capabilities of the PC board
and its copper traces. Experiments have shown that the
heat spreading copper layer does not need to be electri-
cally connected to the tab of the device. The PCB material
can be very effective at transmitting heat between the pad
area attached to the tab of the device, and a ground or
S
APPLICATI
I FOR ATIO
LT1206 • F04c
RF = 750Ω
RL = 50Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com