Electronic Components Datasheet Search
  English  ▼

X  

LT1206CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1206CS8
Description  250mA/60MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1206CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1206CS8 Datasheet HTML 8Page - Linear Technology LT1206CS8 Datasheet HTML 9Page - Linear Technology LT1206CS8 Datasheet HTML 10Page - Linear Technology LT1206CS8 Datasheet HTML 11Page - Linear Technology LT1206CS8 Datasheet HTML 12Page - Linear Technology LT1206CS8 Datasheet HTML 13Page - Linear Technology LT1206CS8 Datasheet HTML 14Page - Linear Technology LT1206CS8 Datasheet HTML 15Page - Linear Technology LT1206CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1206
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
N8 Package
8-Lead Plastic DIP
DD7 0693
0.022 ± 0.005
(0.559 ± 0.127)
0.105 ± 0.008
(2.667 ± 0.203)
0.004
+0.008
–0.004
()
0.102
+0.203
–0.102
0.050 ± 0.012
(1.270 ± 0.305)
0.059
(1.499)
TYP
0.050 ± 0.008
(1.270 ± 0.203)
0.175 ± 0.008
(4.445 ± 0.203)
0.060
(1.524)
0.401 ± 0.015
(10.185 ± 0.381)
15° TYP
0.030 ± 0.008
(0.762 ± 0.203)
0.331
+0.012
–0.020
()
8.407
+0.305
–0.508
0.143
+0.012
–0.020
()
3.632
+0.305
–0.508
0.050 ± 0.010
(1.270 ± 0.254)
R Package
7-Lead Plastic DD
N8 0392
0.045 ± 0.015
(1.143 ± 0.381)
0.100 ± 0.010
(2.540 ± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130 ± 0.005
(3.302 ± 0.127)
0.020
(0.508)
MIN
0.018 ± 0.003
(0.457 ± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.250 ± 0.010
(6.350 ± 0.254)
0.400
(10.160)
MAX
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.320
(7.620 – 8.128)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com