Electronic Components Datasheet Search
  English  ▼

X  

LT1223 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1223
Description  100MHz Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1223 Datasheet(HTML) 5 Page - Linear Technology

  LT1223 Datasheet HTML 1Page - Linear Technology LT1223 Datasheet HTML 2Page - Linear Technology LT1223 Datasheet HTML 3Page - Linear Technology LT1223 Datasheet HTML 4Page - Linear Technology LT1223 Datasheet HTML 5Page - Linear Technology LT1223 Datasheet HTML 6Page - Linear Technology LT1223 Datasheet HTML 7Page - Linear Technology LT1223 Datasheet HTML 8Page - Linear Technology LT1223 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1223
–3dB Bandwidth vs
–3dB Bandwidth vs
Minimum Feedback Resistor vs
Feedback Resistor
Supply Voltage
Voltage Gain
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
FEEDBACK RESISTOR (k )
0
0
30
100
LT1223 • TPC11
123
10
20
40
50
60
70
80
90
Ω
L
S
Ω
A = 2; RF = RG
R = 100
; V = 15V
NO CAPACITIVE LOAD
V
±
SUPPLY VOLTAGE ( V)
0
0
30
100
LT1223 • TPC12
510
15
10
20
40
50
60
70
80
90
±
RF = 750
RF = 1k
RF = 1.5k
RF = 2k
RF = RG
A = 2
R = 100
T = 25°C
V
Ω
A
L
VOLTAGE GAIN (V/V)
0
100
400
1000
LT1223 • TPC13
20
40
60
200
300
500
600
700
800
900
10
30
50
2dB PEAKING
0dB PEAKING
V = 15V
R = 100
S
±
L
Maximum Capacitive Load vs
Open-Loop Voltage Gain vs
Feedback Resistor
Load Resistor
Transimpedance vs Load Resistor
LOAD RESISTOR ( )
100
40
100
1000
10000
LT1223 • TPC15
Ω
50
60
70
80
90
–55°C
25°C
V = 15V
V =
10V
S
±
125°C
O
±
Spot Noise Voltage and Current vs
Power Supply Rejection vs
Frequency
Frequency
Output Impedance vs Frequency
FREQUENCY (Hz)
10
1
10
100
1000
100
1k
10k
LT1223 • TPC17
en
+in
–in
FEEDBACK RESISTOR (k )
0
10
100
1k
10k
12
3
LT1223 • TPC14
Ω
L
S
A = 2; RF = RG
R = 100; V =
15V
PEAKING < 5dB
V
±
LOAD RESISTOR ( )
100
0
10
1000
10000
LT1223 • TPC16
Ω
1
2
3
5
4
6
7
8
9
V =
15V
V =
10V
S
±
O
±
–55°C
25°C
125°C
FREQUENCY (Hz)
20
40
60
80
10k
1M
10M
100M
LT1223 • TPC18
0
100k
NEGATIVE
POSITIVE
V = ±15V
RF = 1k
S
FREQUENCY (Hz)
0.1
1
10
100
10k
1M
10M
100M
LT1223 • TPC19
0.01
100k
RF = RG = 3k
V =
15V
S
±
RF = RG = 1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com