Electronic Components Datasheet Search
  English  ▼

X  

LT1223 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1223
Description  100MHz Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1223 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1223 Datasheet HTML 2Page - Linear Technology LT1223 Datasheet HTML 3Page - Linear Technology LT1223 Datasheet HTML 4Page - Linear Technology LT1223 Datasheet HTML 5Page - Linear Technology LT1223 Datasheet HTML 6Page - Linear Technology LT1223 Datasheet HTML 7Page - Linear Technology LT1223 Datasheet HTML 8Page - Linear Technology LT1223 Datasheet HTML 9Page - Linear Technology LT1223 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1223
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
does in a voltage feedback op amp, the closed-loop
bandwidth does not change. This is because the equiva-
lent gain bandwidth product of the current feedback am-
plifier is set by the Thevenin equivalent resistance at the
inverting input and the internal compensation capacitor.
By keeping RF constant and changing the gain with RG, the
Thevenin resistance changes by the same amount as the
change in gain. As a result, the net closed-loop bandwidth
of the LT1223 remains the same for various closed-loop
gains.
S
APPLICATI
I FOR ATIO
Voltage Gain and Phase vs
Total Harmonic Distortion vs
2nd and 3rd Harmonic
Frequency
Frequency
Distortion vs Frequency
FREQUENCY (Hz)
1M
–30
–15
5
20
10M
100M
1G
LT1223 • TPC20
R
1k
L
GAIN
–25
–20
–10
–5
0
10
15
–225
–90
90
225
–180
–135
–45
0
45
135
180
PHASE
≥
R = 100
L
Ω
R
1k
L ≥
R = 100
L
Ω
V =
15V
RF = RG = 1k
S
±
FREQUENCY (Hz)
0.01
0.1
10
1k
10k
100k
LT1223 • TPC21
0.001
100
THD
V =
15V
V = 7V
R = 400
RF = RG =1k
S
O
L
±
RMS
Ω
FREQUENCY (MHz)
1
–70
–20
10
100
LT1223 • TPC22
–60
–50
–40
–30
2ND
3RD
V =
15V
V = 2VP-P
R = 100
RF = 1k
A = 10dB
S
±
O
L
V
Noninverting Amplifier Settling
Noninverting Amplifier Settling
Inverting Amplifier Settling
Time to 10mV vs Output Step
Time to 1mV vs Output Step
Time vs Output Step
SETTLING TIME (ns)
0
–10
–4
10
LT1223 • TPC23
20
40
60
80
100
–8
–6
–2
0
2
4
6
8
TO 10mV
TO 10mV
V
S
L
±
A = +1
RF = 1k
V =
15V
R = 1k
SETTLING TIME ( s)
0
–10
–4
10
LT1223 • TPC24
12
–8
–6
–2
0
2
4
6
8
TO 1mV
µ
TO 1mV
A = +1
R = 1k
V =
15V
R = 1k
F
S
±
V
L
SETTLING TIME (ns)
0
–10
–4
10
LT1223 • TPC25
100
–8
–6
–2
0
2
4
6
8
TO 1mV
TO 10mV
A = –1
R = 1k
V =
15V
R = 1k
F
S
±
V
20
40
60
80
L
TO 10mV
TO 1mV
Current Feedback Basics
The small-signal bandwidth of the LT1223, like all current
feedback amplifiers, isn’t a straight inverse function of the
closed-loop gain. This is because the feedback resistors
determine the amount of current driving the amplifier’s
internal compensation capacitor. In fact, the amplifier’s
feedback resistor (RF) from output to inverting input
works with internal junction capacitances of the LT1223 to
set the closed-loop bandwidth.
Even though the gain set resistor (RG) from inverting input
to ground works with RF to set the voltage gain just like it



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com