Electronic Components Datasheet Search
  English  ▼

X  

LL4148L Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # LL4148L
Description  500mW Hermetically Sealed Glass Fast Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL4148L Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  LL4148L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL4148L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LL4148L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LL4148L Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd LL4148L Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Min
Max
Min
Max
A
3.30
3.70
0.130
0.146
B
1.40
1.60
0.055
0.063
C
0.20
0.50
0.008
0.020
A
B
C
D
Document Number: DS_S1501007
Version: C15
5.00
0.197
ORDER INFORMATION (EXAMPLE)
1.25
0.049
2.00
0.079
2.50
0.098
PACKAGE OUTLINE DIMENSION
DIM.
Unit (mm)
Unit (inch)
SUGGEST PAD LAYOUT
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
LL4148L
Taiwan Semiconductor
Small Signal Product
C
B
A
LL4148L L0G
Green compound code
Packing code
Part no.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com