Electronic Components Datasheet Search
  English  ▼

X  

LL4148L Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # LL4148L
Description  500mW Hermetically Sealed Glass Fast Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL4148L Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  LL4148L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL4148L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LL4148L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LL4148L Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd LL4148L Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Small Signal Product
CREAT BY ART
- Small hermetically sealed glass SMD package
- High switching speed: Max. 4 ns
- Continuous reverse voltage: Max. 75V
- Repetitive peak reverse voltage: Max. 75V
- Repetitive peak forward current: Max. 450 mA
- Polarity: Indicated by black cathode band
SYMBOL
UNIT
VRRM
V
VR
V
IF
mA
IFRM
mA
Ptot
mW
TJ
oC
TSTG
oC
SYMBOL
UNIT
nA
μA
CJ
pF
trr
ns
Vfr
V
Note 1 : Device mounted on an FR4 printed-circuit board
Note 2 : Reverse recovery test conditions : IF=10mA, IR=60mA, RL=100Ω, IRR=1m A
Document Number: DS_S1501007
Version: C15
Forward Voltage
Reverse Leakage Current
Forward Recovery Voltage
Reverse Recovery Time
Junction Capacitance
MECHANICAL DATA
IF=50 mA tr=20ns
(Note 2)
VR=0
f=1.0MHz
VR=20V
Tj=150
oC
VR=20V
See Fig. 5
IF=10mA
-
25.0
50.0
4.0
4.0
2.5
Continuous Reverse Voltage
Repetitive Peak Reverse Voltage
Storage Temperature Range
Operating Junction Temperature
Total Power Dissipation
Tamb=25
oC, (Note 1)
MIN
PARAMETER
200
75
75
t=1s
t=1ms
t=1μs
Square Wave : TJ=25
oC Prior to Surge : See Fig. 4
Non-Repetitive Peak Forward Surge Current
Repetitive Peak Forward Current
Continuous Forward Current
Fig. 2, (Note 1)
0.5
1
4
450
-65 to 200
200
500
MAX
-
-
-
IR
-
-
VF
V
1.0
See Fig. 3
Hermetically Sealed Glass
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
VALUE
IFSM
A
LL4148L
Taiwan Semiconductor
500mW Hermetically Sealed Glass Fast Switching Diodes
FEATURES
SOD80C


Similar Part No. - LL4148L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4148L TSC-LL4148L Datasheet
911Kb / 3P
500mW Hermetically Sealed Glass Fast Switching Diodes
LL4148L0 TSC-LL4148L0 Datasheet
104Kb / 2P
500mW High Speed SMD Switching Diode
LL4148L0 TSC-LL4148L0 Datasheet
206Kb / 3P
500mW High Speed SMD Switching Diode
LL4148L0 TSC-LL4148L0 Datasheet
168Kb / 3P
500mW High Speed SMD Switching Diode
LL4148L1 TSC-LL4148L1 Datasheet
104Kb / 2P
500mW High Speed SMD Switching Diode
More results

Similar Description - LL4148L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4448 TSC-LL4448 Datasheet
44Kb / 1P
500mW Hermetically Sealed Glass Fast Switching Diodes
LL914B TSC-LL914B Datasheet
69Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
BAV100 TSC-BAV100 Datasheet
94Kb / 2P
500mW Hermetically Sealed Glass High Voltage Switching Diodes
LL4148L TSC-LL4148L Datasheet
911Kb / 3P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LS4448 SECOS-LS4448 Datasheet
93Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TCLS4148 TAK_CHEONG-TCLS4148 Datasheet
90Kb / 3P
500mW QUADRO Mini-MELF Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LS4448 SECOS-LS4448_15 Datasheet
231Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
logo
Guangdong Juxing Electr...
LL4148 JUXING-LL4148 Datasheet
548Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LL4148 SECOS-LL4148_18 Datasheet
182Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com