Electronic Components Datasheet Search
  English  ▼

X  

LT1230 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1230
Description  Dual and Quad 100MHz Current Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1230 Datasheet(HTML) 3 Page - Linear Technology

  LT1230 Datasheet HTML 1Page - Linear Technology LT1230 Datasheet HTML 2Page - Linear Technology LT1230 Datasheet HTML 3Page - Linear Technology LT1230 Datasheet HTML 4Page - Linear Technology LT1230 Datasheet HTML 5Page - Linear Technology LT1230 Datasheet HTML 6Page - Linear Technology LT1230 Datasheet HTML 7Page - Linear Technology LT1230 Datasheet HTML 8Page - Linear Technology LT1230 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1229/LT1230
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Inverting Input Current
VS = ±15V, VCM = ±13V, TA = 25°C
2.5
10
µA/V
Common-Mode Rejection
VS = ±15V, VCM = ±12V
q
10
µA/V
VS = ±5V, VCM = ±3V, TA = 25°C
2.5
10
µA/V
VS = ±5V, VCM = ±2V
q
10
µA/V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±15V, TA = 25°C60
80
dB
VS = ±3V to ±15V
q
60
dB
Noninverting Input Current
VS = ±2V to ±15V, TA = 25°C10
50
nA/V
Power Supply Rejection
VS = ±3V to ±15V
q
50
nA/V
Inverting Input Current
VS = ±2V to ±15V, TA = 25°C
0.1
5
µA/V
Power Supply Rejection
VS = ±3V to ±15V
q
5
µA/V
AV
Large-Signal Voltage Gain, (Note 2)
VS = ±15V, VOUT = ±10V, RL = 1k
q
55
65
dB
VS = ±5V, VOUT = ±2V, RL = 150Ω
q
55
65
dB
ROL
Transresistance,
∆VOUT/∆IIN–, (Note 2)
VS = ±15V, VOUT = ±10V, RL = 1k
q
100
200
k
Ω
VS = ±5V, VOUT = ±2V, RL = 150Ω
q
100
200
k
Ω
VOUT
Maximum Output Voltage Swing, (Note 2)
VS = ±15V, RL = 400Ω, TA = 25°C
±12
±13.5
V
q
±10
V
VS = ±5V, RL = 150Ω, TA = 25°C
±3
±3.7
V
q
±2.5
V
IOUT
Maximum Output Current
RL = 0Ω, TA = 25°C
30
65
125
mA
IS
Supply Current, (Note 3)
VOUT = 0V, Each Amplifier, TA = 25°C
6
9.5
mA
q
11
mA
SR
Slew Rate, (Notes 4 and 6)
TA = 25°C
300
700
V/
µs
SR
Slew Rate
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 400Ω
2500
V/
µs
tr
Rise Time, (Notes 5 and 6)
TA = 25°C10
20
ns
BW
Small-Signal Bandwidth
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 100Ω
100
MHz
tr
Small-Signal Rise Time
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 100Ω
3.5
ns
Propagation Delay
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 100Ω
3.5
ns
Small-Signal Overshoot
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 100Ω
15
%
ts
Settling Time
0.1%, VOUT = 10V, RF =1k, RG= 1k, RL =1k
45
ns
Differential Gain, (Note 7)
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 1k
0.01
%
Differential Phase, (Note 7)
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 1k
0.01
Deg
Differential Gain, (Note 7)
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 150Ω
0.04
%
Differential Phase, (Note 7)
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 150Ω
0.1
Deg
The q denotes specifications which apply over the operating temperature
range.
Note 1: A heat sink may be required depending on the power supply
voltage and how many amplifiers are shorted.
Note 2: The power tests done on
±15V supplies are done on only one
amplifier at a time to prevent excessive junction temperatures when testing
at maximum operating temperature.
Note 3: The supply current of the LT1229/LT1230 has a negative
temperature coefficient. For more information see the application
information section.
Note 4: Slew rate is measured at
±5V on a ±10V output signal while
operating on
±15V supplies with RF = 1k, RG = 110Ω and RL = 400Ω. The
slew rate is much higher when the input is overdriven and when the
amplifier is operated inverting, see the applications section.
Note 5: Rise time is measured from 10% to 90% on a
±500mV output
signal while operating on
±15V supplies with RF = 1k, RG = 110Ω and RL =
100
Ω. This condition is not the fastest possible, however, it does
guarantee the internal capacitances are correct and it makes automatic
testing practical.
Note 6: AC parameters are 100% tested on the ceramic and plastic DIP
packaged parts (J and N suffix) and are sample tested on every lot of the
SO packaged parts (S suffix).
Note 7: NTSC composite video with an output level of 2VP.
Each Amplifier, VCM = 0V, ±5V ≤ VS = ±15V, pulse tested unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com