Electronic Components Datasheet Search
  English  ▼

X  

LT1230 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1230
Description  Dual and Quad 100MHz Current Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1230 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1230 Datasheet HTML 3Page - Linear Technology LT1230 Datasheet HTML 4Page - Linear Technology LT1230 Datasheet HTML 5Page - Linear Technology LT1230 Datasheet HTML 6Page - Linear Technology LT1230 Datasheet HTML 7Page - Linear Technology LT1230 Datasheet HTML 8Page - Linear Technology LT1230 Datasheet HTML 9Page - Linear Technology LT1230 Datasheet HTML 10Page - Linear Technology LT1230 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1229/LT1230
limited by the gain bandwidth product of about 1GHz. The
curves show that the bandwidth at a closed-loop gain of
100 is 10MHz, only one tenth what it is at a gain of two.
Capacitance on the Inverting Input
Current feedback amplifiers want resistive feedback from
the output to the inverting input for stable operation. Take
care to minimize the stray capacitance between the output
and the inverting input. Capacitance on the inverting input
to ground will cause peaking in the frequency response
(and overshoot in the transient response), but it does not
degrade the stability of the amplifier. The amount of
capacitance that is necessary to cause peaking is a func-
tion of the closed-loop gain taken. The higher the gain, the
more capacitance is required to cause peaking. We can
add capacitance from the inverting input to ground to
increase the bandwidth in high gain applications. For
example, in this gain of 100 application, the bandwidth can
be increased from 10MHz to 17MHz by adding a 2200pF
capacitor.
LT1229 • TA05
–
+
CG
RG
5.1
Ω
RF
510
Ω
VOUT
1/2
LT1229
VIN
Boosting Bandwidth of High Gain Amplifier with
Capacitance on Inverting Input
FREQUENCY (MHz)
1
19
22
25
28
31
46
49
10
100
LT1229 • TA06
34
37
40
43
CG = 4700pF
CG = 2200pF
CG = 0
S
APPLICATI
I FOR ATIO
The LT1229/LT1230 are very fast dual and quad current
feedback amplifiers. Because they are current feedback
amplifiers, they maintain their wide bandwidth over a wide
range of voltage gains. These amplifiers are designed to
drive low impedance loads such as cables with excellent
linearity at high frequencies.
Feedback Resistor Selection
The small-signal bandwidth of the LT1229/LT1230 is set
by the external feedback resistors and the internal junction
capacitors. As a result, the bandwidth is a function of the
supply voltage, the value of the feedback resistor, the
closed-loop gain and load resistor. The characteristic
curves of Bandwidth versus Supply Voltage are done with
a heavy load (100
Ω)andalightload(1k)toshowtheeffect
of loading. These graphs also show the family of curves
that result from various values of the feedback resistor.
These curves use a solid line when the response has less
than 0.5dB of peaking and a dashed line when the re-
sponse has 0.5dB to 5dB of peaking. The curves stop
where the response has more than 5dB of peaking.
Small-Signal Rise Time with
RF = RG = 750Ω, VS = ±15V, and RL = 100Ω
LT1229 • TA04
At a gain of two, on
±15V supplies with a 750Ω feedback
resistor, the bandwidth into a light load is over 160MHz
without peaking, but into a heavy load the bandwidth
reduces to 100MHz. The loading has so much effect
because there is a mild resonance in the output stage that
enhances the bandwidth at light loads but has its Q
reduced by the heavy load. This enhancement is only
useful at low gain settings; at a gain of ten it does not boost
the bandwidth. At unity gain, the enhancement is so
effective the value of the feedback resistor has very little
effect. At very high closed-loop gains, the bandwidth is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com