Electronic Components Datasheet Search
  English  ▼

X  

LT1230CS Datasheet(PDF) 5 Page - Linear Technology

Part # LT1230CS
Description  Dual and Quad 100MHz Current Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1230CS Datasheet(HTML) 5 Page - Linear Technology

  LT1230CS Datasheet HTML 1Page - Linear Technology LT1230CS Datasheet HTML 2Page - Linear Technology LT1230CS Datasheet HTML 3Page - Linear Technology LT1230CS Datasheet HTML 4Page - Linear Technology LT1230CS Datasheet HTML 5Page - Linear Technology LT1230CS Datasheet HTML 6Page - Linear Technology LT1230CS Datasheet HTML 7Page - Linear Technology LT1230CS Datasheet HTML 8Page - Linear Technology LT1230CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1229/LT1230
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Input Common-Mode Limit vs
Output Saturation Voltage vs
Output Short-Circuit Current vs
Temperature
Temperature
Junction Temperature
Maximum Capacitance Load vs
Total Harmonic Distortion vs
2nd and 3rd Harmonic
Feedback Resistor
Frequency
Distortion vs Frequency
FREQUENCY (Hz)
0.01
0.10
10
1k
10k
100k
LT1229 • TPC11
0.001
100
VS = ±15V
RL = 400Ω
RF = RG = 750Ω
VO = 7VRMS
VO = 1VRMS
TEMPERATURE (°C)
–25
40
60
100
150
LT1229 • TPC15
0
–50
25
50
75
125
175
30
70
50
FREQUENCY (Hz)
10
1
10
100
1k
100k
LT1229 • TPC16
100
10k
–in
en
+in
FREQUENCY (Hz)
0.1
100
10k
1M
10M
100M
LT1229 • TPC18
0.001
100k
0.01
10
VS = ±15V
1.0
RF = RG = 2k
RF = RG = 750Ω
FEEDBACK RESISTOR (k
Ω)
10
100
1000
10000
02
3
LT1229 • TPC10
1
1
VS = ±5V
VS = ±15V
RL = 1k
PEAKING
≤ 5dB
GAIN = 2
FREQUENCY (MHz)
1
–70
–60
–50
–40
–30
–20
10
100
LT1229 • TPC12
VS = ±15V
VO = 2VP-P
RL = 100Ω
RF = 750Ω
AV = 10dB
2ND
3RD
TEMPERATURE (°C)
2.0
V+
– 50
25
75
125
LT1229 • TPC13
V–
0
1.0
–1.0
–2.0
–0.5
–1.5
1.5
0.5
–25
50
100
V+ = 2V TO 18V
V – = –2V TO –18V
TEMPERATURE (°C)
V+
–50
25
75
125
LT1229 • TPC14
V–
0
1.0
–1.0
–0.5
0.5
–25
50
100
RL = ∞
±2V
≤ V
S ≤ ±18V
Spot Noise Voltage and Current vs
Power Supply Rejection vs
Output Impedance vs
Frequency
Frequency
Frequency
FREQUENCY (Hz)
40
80
10k
1M
10M
100M
LT1229 • TPC17
0
100k
VS = ±15V
RL = 100Ω
RF = RG = 750Ω
NEGATIVE
20
60
POSITIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com