Electronic Components Datasheet Search
  English  ▼

X  

LT1230CS Datasheet(PDF) 6 Page - Linear Technology

Part # LT1230CS
Description  Dual and Quad 100MHz Current Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1230CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1230CS Datasheet HTML 2Page - Linear Technology LT1230CS Datasheet HTML 3Page - Linear Technology LT1230CS Datasheet HTML 4Page - Linear Technology LT1230CS Datasheet HTML 5Page - Linear Technology LT1230CS Datasheet HTML 6Page - Linear Technology LT1230CS Datasheet HTML 7Page - Linear Technology LT1230CS Datasheet HTML 8Page - Linear Technology LT1230CS Datasheet HTML 9Page - Linear Technology LT1230CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT1229/LT1230
6
Settling Time to 10mV vs
Settling Time to 1mV vs
Output Step
Output Step
Supply Current vs Supply Voltage
I
SPLII
F ED S
A
CHE
TIC
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
One Amplifier
SUPPLY VOLTAGE (±V)
12
LT1229 • TPC21
4
08
16
0
10
5
1
2
3
4
6
7
8
9
2
6
10
14
18
–55°C
25°C
125°C
175°C
LT1229 • TA03
+IN
–IN
VOUT
V+
V–
SETTLING TIME (ns)
60
LT1229 • TPC19
20
0
40
80
100
–10
10
0
–8
–6
–4
–2
2
4
6
8
NONINVERTING
INVERTING
VS = ±15V
RF = RG = 1k
INVERTING
NONINVERTING
SETTLING TIME (
µs)
12
LT1229 • TPC20
4
0
8
16
20
–10
10
0
–8
–6
–4
–2
2
4
6
8
NONINVERTING
INVERTING
VS = ±15V
RF = RG = 1k
NONINVERTING
INVERTING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com