Electronic Components Datasheet Search
  English  ▼

X  

LT1303 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1303
Description  Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1303 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1303 Datasheet HTML 4Page - Linear Technology LT1303 Datasheet HTML 5Page - Linear Technology LT1303 Datasheet HTML 6Page - Linear Technology LT1303 Datasheet HTML 7Page - Linear Technology LT1303 Datasheet HTML 8Page - Linear Technology LT1303 Datasheet HTML 9Page - Linear Technology LT1303 Datasheet HTML 10Page - Linear Technology LT1303 Datasheet HTML 11Page - Linear Technology LT1303 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1303/LT1303-5
TYPICAL APPLICATIONS
Setting Output Voltage on LT1303
5V Step-Up Converter with Reference Output
VIN
R2
100
µF
1N5817
1303 TA03
L1
R1
+
100
µF
VOUT
+
VOUT = 1.24V 1 +
()R2
R1
VIN
SW
FB
PGND
GND
LT1303
33k
INPUT
1.8V TO 4.5V
VREF OUTPUT
1.24V
100
µF
1N5817
1303 TA04
22
µH*
100k
+
2.2
µF
+
100
µF
OUTPUT
5V
+
2N3906
* SUMIDA CD54-220MC
VIN
SW
GND
PGND
SENSE
SHDN
LBI
LT1303-5
LBO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com