Electronic Components Datasheet Search
  English  ▼

X  

LT1303 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1303
Description  Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1303 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1303 Datasheet HTML 4Page - Linear Technology LT1303 Datasheet HTML 5Page - Linear Technology LT1303 Datasheet HTML 6Page - Linear Technology LT1303 Datasheet HTML 7Page - Linear Technology LT1303 Datasheet HTML 8Page - Linear Technology LT1303 Datasheet HTML 9Page - Linear Technology LT1303 Datasheet HTML 10Page - Linear Technology LT1303 Datasheet HTML 11Page - Linear Technology LT1303 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1303/LT1303-5
TYPICAL APPLICATIONS
4-, 5-Cell to 5V Converter with Output Disconnect
VIN
SW
GND
PGND
SENSE
SHDN
LT1303-5
+
+
+
10
µH*
33
µF
33
µF
SHUTDOWN
220
µF**
VIN
2V TO 8V
510
Ω
MBRS130T3
ZTX788B
VOUT
5V
100mA
SUMIDA CD54-100MC
AVX TPS 220
µF/10V
*
**
LT1303TA05
3-Cell to 3.3V Boost/Linear Converter with Output Disconnect
VIN
SW
GND
PGND
SHDN
LBI
LB0
FB
LT1303
+
+
SHUTDOWN
10
µH*
33
µF
33
µF
1.96k†
100k
100
Ω
200k
†
121k†
330
µF**
× 2
MBRS130T3
Si9433
SUMIDA CD54-100MC
AVX TPS 330
µF/6.3V
1% METAL FILM
*
**
†
VIN
2V TO 6V
VOUT 3.3V/200mA
LT1303 TA07
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com