Electronic Components Datasheet Search
  English  ▼

X  

LT1307B Datasheet(PDF) 3 Page - Linear Technology

Part # LT1307B
Description  Single Cell Micropower 600kHz PWM DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1307B Datasheet(HTML) 3 Page - Linear Technology

  LT1307B Datasheet HTML 1Page - Linear Technology LT1307B Datasheet HTML 2Page - Linear Technology LT1307B Datasheet HTML 3Page - Linear Technology LT1307B Datasheet HTML 4Page - Linear Technology LT1307B Datasheet HTML 5Page - Linear Technology LT1307B Datasheet HTML 6Page - Linear Technology LT1307B Datasheet HTML 7Page - Linear Technology LT1307B Datasheet HTML 8Page - Linear Technology LT1307B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1307/LT1307B
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Duty Cycle
25
°C, 0°C80
84
%
70
°C76
%
Switch Current Limit (Note 3)
DC = 40%
q
0.6
1.25
A
DC = 75%
0.5
A
Switch VCESAT
ISW = 500mA (25°C, 0°C)
295
350
mV
ISW = 500mA (70°C)
400
mV
Burst Mode Operation Switch Current Limit
L = 10
µH
100
mA
(LT1307 Only)
L = 22
µH50
mA
Shutdown Pin Current
VSHDN = VIN
q
2.5
4.0
µA
VSHDN = 0V
q
– 1.5
– 2.5
µA
LBI Threshold Voltage
q
190
200
210
mV
LBO Output Low
ISINK = 10µA
q
0.1
0.25
V
LBO Leakage Current
VLBI = 250mV, VLBO = 5V
q
0.01
0.1
µA
LBI Input Bias Current (Note 4)
VLBI = 150mV
q
525
nA
Low-Battery Detector Gain
1M
Ω Load (25°C, 0°C)
1000
3000
V/V
1M
Ω Load (70°C)
500
V/V
Switch Leakage Current
VSW = 5V
q
0.01
3
µA
Reverse Battery Current
(Note 5)
750
mA
Commercial Grade 0
°C to 70°C. VIN = 1.1V, VSHDN = VIN, TA = 25°C unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
Commercial Grade TA = –20°C, VIN = 1.1V, VSHDN = VIN, unless otherwise noted (Note 1).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current
VFB = 1.3V, Not Switching (LT1307)
50
100
µA
VFB = 1.3V, Not Switching (LT1307B)
1.1
1.6
mA
VSHDN = 0V
1
3
µA
VFB
Feedback Voltage
1.195
1.22
1.245
V
gm
Error Amp Transconductance
∆I = 5µA25
35
65
µmhos
AV
Error Amp Voltage Gain
35
100
V/V
fOSC
Switching Frequency
500
600
750
kHz
Maximum Duty Cycle
80
84
%
Switch VCESAT
ISW = 500mA, VIN = 1.2V
250
350
mV
Shutdown Pin Current
VSHDN = VIN
2.5
4.0
µA
VSHDN = 0V
– 1.5
– 2.5
µA
LBI Threshold Voltage
186
200
210
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com