Electronic Components Datasheet Search
  English  ▼

X  

LT1307B Datasheet(PDF) 5 Page - Linear Technology

Part # LT1307B
Description  Single Cell Micropower 600kHz PWM DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1307B Datasheet(HTML) 5 Page - Linear Technology

  LT1307B Datasheet HTML 1Page - Linear Technology LT1307B Datasheet HTML 2Page - Linear Technology LT1307B Datasheet HTML 3Page - Linear Technology LT1307B Datasheet HTML 4Page - Linear Technology LT1307B Datasheet HTML 5Page - Linear Technology LT1307B Datasheet HTML 6Page - Linear Technology LT1307B Datasheet HTML 7Page - Linear Technology LT1307B Datasheet HTML 8Page - Linear Technology LT1307B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1307/LT1307B
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (mA)
50
60
70
80
90
200
0.1
1
10
100
LT1307 • G01
VIN = 1.00V
VIN = 1.25V
VIN = 1.5V
3.3V Output Efficiency, Circuit of
Figure 1 (LT1307B)
5V Output Efficiency, Circuit of
Figure 1 (LT1307B)
LOAD CURRENT (mA)
0.1
90
80
70
60
50
40
30
20
10
110
LT1307 • TPC03
100
VIN = 1V
VIN = 1.5V
VIN = 1.25V
Quiescent Current vs Temperature
Feedback Bias Current vs
Temperature
LBI Bias Current vs Temperature
5V Output Efficiency, Circuit of
Figure 1 (LT1307)
TEMPERATURE (
°C)
–50
25
75
LT1307 • TPC04
–25
0
50
80
70
60
50
40
30
20
10
0
100
TEMPERATURE (
°C)
–50
0
10
20
30
40
50
–25
025
50
LTC1307 • TPC05
75
100
VIN = 1.1V
TEMPERATURE (
°C)
–50
25
75
LT1307 • TPC06
–25
0
50
16
14
12
10
8
6
4
2
0
100
Quiescent Current in Shutdown
Shutdown Pin Bias Current vs
Input Voltage
Switch VCESAT vs Current
INPUT VOLTAGE (V)
0
10
8
6
4
2
0
4
LT1307 • TPC07
1
2
3
5
INPUT VOLTAGE (V)
0
10
16
12
8
4
0
4
LT1307 • TPC08
1
2
3
5
SWITCH CURRENT (mA)
0
0
100
200
300
400
500
100
200
300
400
LT1307 • TPC09
500
600
TA = 25°C
LOAD CURRENT (mA)
0.1
50
70
90
100
10
1
1307 G02
30
40
60
80
20
10
VIN = 1.25V
VIN = 1.5V
VIN = 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com