Electronic Components Datasheet Search
  English  ▼

X  

LT1308 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1308
Description  Single Cell High Current Micropower 600kHz Boost DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1308 Datasheet(HTML) 6 Page - Linear Technology

  LT1308 Datasheet HTML 1Page - Linear Technology LT1308 Datasheet HTML 2Page - Linear Technology LT1308 Datasheet HTML 3Page - Linear Technology LT1308 Datasheet HTML 4Page - Linear Technology LT1308 Datasheet HTML 5Page - Linear Technology LT1308 Datasheet HTML 6Page - Linear Technology LT1308 Datasheet HTML 7Page - Linear Technology LT1308 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1308
APPLICATIONS INFORMATION
LOW-BATTERY DETECTOR
The LT1308’s low-battery detector is a simple PNP input
gain stage with an open collector NPN output. The nega-
VIN
Q3
SHUTDOWN
CURRENT
R2
400k
400k
Q2
1308 F03
Q1
START-UP
CURRENT
SHDN
Figure 3. Shutdown Circuit
tive input of the gain stage is tied internally to a 200mV
reference. The positive input is the LBI pin. Arrangement
as a low-battery detector is straightforward. Figure 4
details hookup. R1 and R2 need only be low enough in
value so that the bias current of the LBI pin doesn’t cause
large errors. For R2, 100k is adequate. The 200mV refer-
ence can also be accessed as shown in Figure 5.
distance from the circuit, an additional input capacitor may
be required. A 220
µFaluminumelectrolyticunitworkswell
in these cases. This capacitor need not have low ESR.
OPERATION FROM A LABORATORY POWER SUPPLY
If a lab supply is used, the leads used to connect the circuit
to the supply can have significant inductance at the
LT1308’s switching frequency. As in the previous situa-
tion, an electrolytic capacitor may be required at the circuit
in order to reduce the AC impedance of the input suffi-
ciently. An alternative solution is to attach the circuit
directly to the power supply at the supply terminals,
without the use of leads. The power supply’s output
capacitance will then provide the bulk capacitance the
LT1308 circuit requires.
SHUTDOWN PIN
The LT1308 has a shutdown pin (SHDN) that must be
grounded to shut the device down or tied to a voltage equal
or greater than VIN to operate. The shutdown circuit is
shown in Figure 3.
Note that allowing SHDN to float turns on both the start-
up current (Q2) and the shutdown current (Q3) for VIN >
2VBE. The LT1308 doesn’t know what to do in this situation
and behaves erratically. SHDN voltage above VIN is al-
lowed. This merely reverse-biases Q3’s base emitter junc-
tion, a benign condition.
GSM PHONES
The LT1308 is suitable for converting a single Li-Ion cell
to 5V for powering GSM RF power stages. Figure 6 details
a Li-Ion to 5V converter circuit using frequency compen-
sation optimized for a typical GSM pulsed load. Figure 7
details transient response of Figure 6’s circuit with a
100mA to 1A pulsed load. A slower time sweep is used to
show several transmit pulses in Figure 8. At a VIN of 2.7V,
additional output capacitance is recommended to help
minimize VOUT droop. Figure 9 shows VOUT with an input
voltage of 2.7V. Figure 10 expands the horizontal sweep
speed to 500
µs/division to show detail of one transmit
pulse.
Figure 5. Accessing 200mV Reference
Figure 4. Setting Low-Battery Detector Trip Point
VIN
VBAT
LT1308
LBI
LBO
200k
10
µF
GND
10k
1308 F05
2N3906
VREF
200mV
+
LBO
LBI
TO PROCESSOR
R1
1M
R2
100k
VIN
VBAT
LT1308
1308 F04
3.3V
GND
200mV
INTERNAL
REFERENCE
–
+
R1 =
VLB – 200mV
2
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com