Electronic Components Datasheet Search
  English  ▼

X  

LT1308 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1308
Description  Single Cell High Current Micropower 600kHz Boost DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1308 Datasheet(HTML) 7 Page - Linear Technology

  LT1308 Datasheet HTML 1Page - Linear Technology LT1308 Datasheet HTML 2Page - Linear Technology LT1308 Datasheet HTML 3Page - Linear Technology LT1308 Datasheet HTML 4Page - Linear Technology LT1308 Datasheet HTML 5Page - Linear Technology LT1308 Datasheet HTML 6Page - Linear Technology LT1308 Datasheet HTML 7Page - Linear Technology LT1308 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LT1308
APPLICATIONS INFORMATION
DECT PHONES
The DECT standard specifies a transmit pulse 416
µs in
duration. The LT1308 is capable of delivering a 400mA
pulse load from a 1.2V input with output capacitance of
100
µF. Figure 11 depicts VOUT transient response of
Figure 6’s circuit, configured for a 3.3V output by chang-
ing resistor R1 to 169k. Figure 12 shows detail of one
transmit pulse at a higher sweep speed.
VIN
SW
FB
LT1308
L1
4.7
µH
D1
MBRS120
LBO
LBI
47k
100k
5V/1A OR
3.3V/300mA
R1
33nF
1308F06
C1
10
µF
CERAMIC
C2
100
µF
NiCd
OR
Li-Ion
CELL
VC
GND
SHDN
L1: TOKO 636CY4R7M
COILTRONICS CTX5-1
FOR VOUT = 5V: R1 = 309k
FOR VOUT = 3.3V: R1 = 169k
+
Figure 6. DC/DC Converter for GSM/DECT Application
1ms/DIV
1308 F08
100
µs/DIV
1308 F07
Figure 7. GSM Load Transient Response.
100mA to 1A Transient Response for Figure 6’s Circuit.
Pulse Width = 577
µs
VOUT
200mV/DIV
AC COUPLED
VIN = 3.6V
IL, 1A/DIV
1A
100mA
VIN = 3.6V
100mA
VOUT
200mV/DIV
AC COUPLED
1A
Figure 8. GSM Load Transient Response. Slower
Sweep Speed (1ms/DIV) Shows VOUT over Several
Transmit Pulses
100mA
ILOAD
1A
VOUT
200mV/DIV
AC COUPLED
VIN = 2.7V
1ms/DIV
1308 F09
Figure 9. GSM Load Transient Response.
At Low VIN, Large Output Capacitor (2200µF)
Serves to Hold up VOUT
100
µs/DIV
1308 F09
Figure 12. DECT Load Transient Response.
Faster Sweep Speed (100
µs/DIV) Details VOUT and
Inductor Current of Single DECT Transmit Pulse
VOUT
200mV/DIV
AC COUPLED
400mA
IL, 1A/DIV
2ms/DIV
1308 F11
VOUT
200mV/DIV
AC COUPLED
400mA
50mA
ILOAD
Figure 11. DECT Load Transient Response.
With a Single NiCd Cell the LT1308 Provides 3.3V
with 400mA Pulsed Load. Pulse Width = 416
µs
VOUT
200mV/DIV
AC COUPLED
IL, 1A/DIV
1A
100mA
ILOAD
VIN = 2.7V
500
µs/DIV
1308 F10
Figure 10. GSM Load Transient Response.
Faster Sweep Speed (500
µs/DIV) Details VOUT
and Inductor Current of One Transmit Pulse
VIN = 1.2V
VIN = 1.2V
ILOAD
ILOAD
50mA
ILOAD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com