Electronic Components Datasheet Search
  English  ▼

X  

LT1309 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1309
Description  500kHz Micropower DC/DC Converter for Flash Memory
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1309 Datasheet(HTML) 3 Page - Linear Technology

  LT1309 Datasheet HTML 1Page - Linear Technology LT1309 Datasheet HTML 2Page - Linear Technology LT1309 Datasheet HTML 3Page - Linear Technology LT1309 Datasheet HTML 4Page - Linear Technology LT1309 Datasheet HTML 5Page - Linear Technology LT1309 Datasheet HTML 6Page - Linear Technology LT1309 Datasheet HTML 7Page - Linear Technology LT1309 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1309
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
300
400
500
600
700
800
–25
025
50
1309 G01
75
100
Oscillator Frequency
TEMPERATURE (
°C)
–50
100
125
150
175
200
250
–25
025
50
1309 G03
75
100
225
ISW = 500mA
TEMPERATURE (
°C)
–50
400
500
600
700
800
1000
–25
025
50
1309 G02
75
100
900
VCC = 3V
VCC = 5V
Switch Current Limit
Supply Current
TEMPERATURE (
°C)
–50
300
400
500
600
700
800
–25
025
50
1309 G05
75
100
VCC = 5V
VCC = 3V
Sense Voltage
TEMPERATURE (
°C)
–50
11.95
12.00
12.05
25
75
1309 G04
11.90
11.85
11.80
–25
0
50
12.10
12.15
12.20
100
Supply Current in Shutdown
Maximum Duty Cycle
TEMPERATURE (
°C)
–50
70
75
80
85
90
95
–25
025
50
1309 G07
75
100
TEMPERATURE (
°C)
–50
8
10
12
25
75
1309 G06
6
4
–25
0
50
100
2
0
14
VCC = 5V
VCC = 3V
Switch Saturation Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com