Electronic Components Datasheet Search
  English  ▼

X  

LT1309 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1309
Description  500kHz Micropower DC/DC Converter for Flash Memory
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1309 Datasheet(HTML) 4 Page - Linear Technology

  LT1309 Datasheet HTML 1Page - Linear Technology LT1309 Datasheet HTML 2Page - Linear Technology LT1309 Datasheet HTML 3Page - Linear Technology LT1309 Datasheet HTML 4Page - Linear Technology LT1309 Datasheet HTML 5Page - Linear Technology LT1309 Datasheet HTML 6Page - Linear Technology LT1309 Datasheet HTML 7Page - Linear Technology LT1309 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1309
TYPICAL PERFORMANCE CHARACTERISTICS
50
µs/DIV
1309 G08
12V
VOUT
2V/DIV
VON/OFF
10V/DIV
VPP VALID
10V/DIV
Start-Up Waveforms, ILOAD = 10mA
Start-Up Waveforms, ILOAD = 1mA
50
µs/DIV
1309 G09
VOUT
5V/DIV
VON/OFF
10V/DIV
IL
500mA/DIV
12V OUTPUT
1V/DIV
AC COUPLED
10mA
60mA
ILOAD
50
µs/DIV
1309 G10
PI FU CTIO S
SOFT START (Pin 1): A 0.1
µF/1MΩ parallel RC from this
pin to GND provides a Soft Start function upon device
turn-on. Initially about 80
µA will flow from the pin into the
capacitor. When the voltage at the pin reaches approxi-
mately 0.4V, current ceases flowing out of the pin.
VCC (Pin 2): Input Supply. At least 1µF input bypass
capacitance is required. More capacitance reduces ring-
ing on the supply line.
PGND (Pin 3): Power Ground. Connect to ground plane.
VSW (Pin 4): Collector of Power Switch. High dV/dt
present on this pin. To minimize radiated noise keep
layout short and direct.
GND (Pin 5): Signal Ground. Connect to ground plane.
VPP VALID (Pin 6): This pin provides a logic signal
indicating that output voltage has reached 12V. Active low
with internal 200k pull-up resistor.
SENSE (Pin 7): Output Sense Pin. This pin connects to a
resistive divider that sets the output voltage. In shutdown,
the resistor string is disconnected and current into this pin
reduces to < 1
µA.
ON/OFF (Pin 8): Shutdown Control. When pulled below
1.5V, this pin disables the LT1309 and reduces supply
current to 9
µA. All circuitry is disabled in shutdown. The
part is enabled when ON/OFF is greater than 1.5V.
Load Transient Response,
COUT = 1µF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com