Electronic Components Datasheet Search
  English  ▼

X  

LT1317 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1317
Description  Micropower, 600kHz PWM DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1317 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1317 Datasheet HTML 4Page - Linear Technology LT1317 Datasheet HTML 5Page - Linear Technology LT1317 Datasheet HTML 6Page - Linear Technology LT1317 Datasheet HTML 7Page - Linear Technology LT1317 Datasheet HTML 8Page - Linear Technology LT1317 Datasheet HTML 9Page - Linear Technology LT1317 Datasheet HTML 10Page - Linear Technology LT1317 Datasheet HTML 11Page - Linear Technology LT1317 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1317/LT1317B
The LT1317B differs from the LT1317 in that the bias point
on A1 is set lower than on the LT1317 so that minimum
switch current can drop below 50mA. Because A1’s bias
point is set lower, there is no Burst Mode operation at light
loads and the device continues switching at constant
frequency. This results in the absence of low frequency
output voltage ripple at the expense of light load efficiency.
The difference between the two devices is clearly illus-
trated in Figure 2. The top two traces in Figure 2 show an
LT1317/LT1317B circuit, using the components indicated
in Figure 1, set to a 3.3V output. Input voltage is 2V. Load
current is stepped from 2mA to 200mA for both circuits.
Low frequency Burst Mode operation voltage ripple is
observed on Trace A, while none is observed on Trace B.
APPLICATIONS INFORMATION
COMPONENT SELECTION
Inductors
Inductors appropriate for use with the LT1317 must
possess three attributes. First, they must have low core
loss at 600kHz. Most ferrite core units have acceptable
losses at this switching frequency. Inexpensive iron pow-
der cores should be viewed suspiciously, as core losses
can cause significant efficiency penalties at 600kHz. Sec-
ond, the inductor must be able to handle peak switch
current of the LT1317 without saturating. This places a
lower limit on the physical size of the unit. Molded chokes
or chip inductors usually do not have enough core to
support the LT1317 maximum peak switch current and are
unsuitable for the application. Lastly, the inductor should
have low DCR (copper wire resistance) to prevent effi-
ciency-killing I2R losses. Linear Technology has identified
several inductors suitable for use with the LT1317. This is
not an exclusive list. There are many magnetics vendors
whose components are suitable for use. A few vendor’s
components are listed in Table 1.
L
CIN
COUT
D
VOUT
VIN
GND
MULTIPLE
VIAs
GROUND PLANE
1317 F03
1
2
3
4
8
7
6
5
LT1317
Figure 3. Recommended Component Placement. Traces Carrying
High Current Are Direct. Trace Area at FB Pin and VC Pin is Kept
Low. Lead Length to Battery Should be Kept Short.
1ms/DIV
1317 F02
200mA
LT1317
VOUT
100mV/DIV
AC COUPLED
LT1317B
VOUT
100mV/DIV
AC COUPLED
2mA
TRACE A
TRACE B
ILOAD
Figure 2. LT1317 Exhibits Ripple at 2mA Load
During Burst Mode Operation, the LT1317B Does Not
LAYOUT HINTS
The LT1317 switches current at high speed, mandating
careful attention to layout for proper performance.
You
will not get advertised performance with careless layouts.
Figure 3 shows recommended component placement.
Follow this closely in your PC layout. Note the direct path
of the switching loops. Input capacitor CIN must be placed
close (< 5mm) to the IC package. As little as 10mm of wire
or PC trace from CIN to VIN will cause problems such as
inability to regulate or oscillation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com