Electronic Components Datasheet Search
  English  ▼

X  

LT1317 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1317
Description  Micropower, 600kHz PWM DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1317 Datasheet(HTML) 5 Page - Linear Technology

  LT1317 Datasheet HTML 1Page - Linear Technology LT1317 Datasheet HTML 2Page - Linear Technology LT1317 Datasheet HTML 3Page - Linear Technology LT1317 Datasheet HTML 4Page - Linear Technology LT1317 Datasheet HTML 5Page - Linear Technology LT1317 Datasheet HTML 6Page - Linear Technology LT1317 Datasheet HTML 7Page - Linear Technology LT1317 Datasheet HTML 8Page - Linear Technology LT1317 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1317/LT1317B
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
26
25
24
23
22
21
20
–25
0
25
50
1317 TPC10
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
1317 TPC11
40
36
32
28
24
20
16
12
8
4
0
Quiescent Current, SHDN = 0V
FB Pin Bias Current
SHDN Pin Current
LOAD CURRENT (mA)
1
90
80
70
60
50
40
10
100
1000
1317 TPC14
VIN = 3V
VIN = 2.2V
VIN = 1.65V
LOAD CURRENT (mA)
1
90
80
70
60
50
40
10
100
1000
1317 TPC15
VIN = 3V
VIN = 2.2V
VIN = 1.65V
LOAD CURRENT (mA)
90
80
70
60
50
10
100
1000
1317 TPC13
1
0.3
VIN = 3V
VIN = 2.2V
VIN = 1.65V
5V Output Efficiency, Circuit of
Figure 1 (LT1317)
2-Cell to 3.3V Converter
Efficiency (LT1317B)
2-Cell to 5V Converter Efficiency
(LT1317B)
Burst Mode Operation (LT1317)
VOUT
50mV/DIV
AC COUPLED
IL
200mA/DIV
VSW
5V/DIV
VIN = 2V
20
µs/DIV
1317 TPC18
VOUT = 3.3V
ILOAD = 30mA
CIRCUIT OF FIGURE 1
Transient Response (LT1317B)
VOUT
100mV/DIV
AC COUPLED
IL
200mA/DIV
VIN = 2V
1ms/DIV
1317 TPC17
VOUT = 3.3V
CIRCUIT OF FIGURE 1
WITH LT1317B
Transient Response (LT1317)
VOUT
100mV/DIV
AC COUPLED
IL
200mA/DIV
VIN = 2V
1ms/DIV
1317 TPC16
VOUT = 3.3V
CIRCUIT OF FIGURE 1
ILOAD
165mA
5mA
ILOAD
165mA
5mA
SHDN PIN VOLTAGE (V)
0
3
5
1317 TPC12
12
4
2
1
0
–1
–2
–3
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com