Electronic Components Datasheet Search
  English  ▼

X  

MB3035S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MB3035S
Description  Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MB3035S Datasheet(HTML) 2 Page - Vishay Siliconix

  MB3035S Datasheet HTML 1Page - Vishay Siliconix MB3035S Datasheet HTML 2Page - Vishay Siliconix MB3035S Datasheet HTML 3Page - Vishay Siliconix MB3035S Datasheet HTML 4Page - Vishay Siliconix MB3035S Datasheet HTML 5Page - Vishay Siliconix MB3035S Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
M(B,I)3035S, M(B,I)3045S
www.vishay.com
Vishay General Semiconductor
Revision: 15-Oct-12
2
Document Number: 88952
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TYP.
MAX.
UNIT
Maximum instantaneous forward voltage
VF (1)
IF = 15 A
TJ = 25 °C
0.54
-
V
IF = 30 A
0.65
0.70
IF = 15 A
TJ = 125 °C
0.46
-
IF = 30 A
0.61
0.66
Maximum instantaneous reverse current at DC
blocking voltage
IR (2)
Rated VR
TJ = 25 °C
40
200
μA
TJ = 125 °C
26
55
mA
Typical junction capacitance
CJ
4.0 V, 1 MHz
980
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
M30xxS
MB30xxS
MI30xxS
UNIT
Typical thermal resistance
RJC
2.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
M3045S-E3/4W
1.878
4W
50/tube
Tube
TO-263AB
MB3045S-E3/4W
1.37
4W
50/tube
Tube
TO-263AB
MB3045S-E3/8W
1.37
8W
800/reel
Tape and reel
TO-263AA
MI3045S-E3/4W
1.454
4W
50/tube
Tube
Case Temperature (°C)
35
15
0
075
150
25
25
100
5
50
125
10
M30xxS
M(B,I)30xxS
30
20
Number of Cycles at 60 Hz
300
150
0
1100
200
10
50
100
250
T
J = TJ Max.
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com