Electronic Components Datasheet Search
  English  ▼

X  

MB3035S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MB3035S
Description  Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MB3035S Datasheet(HTML) 3 Page - Vishay Siliconix

  MB3035S Datasheet HTML 1Page - Vishay Siliconix MB3035S Datasheet HTML 2Page - Vishay Siliconix MB3035S Datasheet HTML 3Page - Vishay Siliconix MB3035S Datasheet HTML 4Page - Vishay Siliconix MB3035S Datasheet HTML 5Page - Vishay Siliconix MB3035S Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
M(B,I)3035S, M(B,I)3045S
www.vishay.com
Vishay General Semiconductor
Revision: 15-Oct-12
3
Document Number: 88952
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
Fig. 7 - Typical Transient Thermal Impedance
Instantaneous Forward Voltage (V)
100
0.1
0.01
00.9
1
0.1
10
0.8
0.7
0.6
0.5
0.4
0.3
0.2
Pulse Width = 300 µs
1 % Duty Cycle
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
1000
0.1
0.001
10
100
1
20
10
90
80
70
60
50
40
30
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0.01
100
Reverse Voltage (V)
10 000
100
0.1
100
110
1000
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
t - Pulse Duration (s)
10
0.1
0.01
100
110
1
0.1
Junction to Case
M(I)30xxS
t - Pulse Duration (s)
10
0.1
0.01
100
110
1
0.1
Junction to Case
MB30xxS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com