Electronic Components Datasheet Search
  English  ▼

X  

LT1356 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1356
Description  Dual and Quad 12MHz, 400V/us Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1356 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1356 Datasheet HTML 8Page - Linear Technology LT1356 Datasheet HTML 9Page - Linear Technology LT1356 Datasheet HTML 10Page - Linear Technology LT1356 Datasheet HTML 11Page - Linear Technology LT1356 Datasheet HTML 12Page - Linear Technology LT1356 Datasheet HTML 13Page - Linear Technology LT1356 Datasheet HTML 14Page - Linear Technology LT1356 Datasheet HTML 15Page - Linear Technology LT1356 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1355/LT1356
13556fa LT/TP 0400 2K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1994
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LT1354
12MHz, 400V/
µs Op Amp
Single Version of LT1355/LT1356
LT1352/LT1353
Dual and Quad 250
µA, 3MHz, 200V/µs Op Amps
Lower Power Version of LT1355/LT1356, VOS = 0.6mV, IS = 250µA/Amplifier
LT1358/LT1359
Dual and Quad 25MHz, 600V
µs Op Amps
Faster Version of LT1355/LT1356, VOS = 0.6mV, IS = 2mA/Amplifier
TYPICAL APPLICATIONS
Instrumentation Amplifier
100kHz, 4th Order Butterworth Filter
(Sallen-Key)
1355/1356 TA03
VIN
TRIM R5 FOR GAIN
TRIM R1 FOR COMMON-MODE REJECTION
BW = 120kHz
R1
20k
R2
2k
R5
432
Ω
R4
20k
R3
2k
VOUT
+
–
–
+
–
+
1/2
LT1355
1/2
LT1355
A
R
R
R
R
R
R
RR
R
V =+
+


+
+
=
4
3
1
1
2
2
1
3
4
23
5
104
1355/1356 TA04
VIN
VOUT
R1
2.87k
R3
2.43k
1/2
LT1355
+
–
C1
100pF
R2
26.7k
C2
330pF
C4
1000pF
R4
15.4k
C3
68pF
+
–
1/2
LT1355
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com