Electronic Components Datasheet Search
  English  ▼

X  

LT1356 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1356
Description  Dual and Quad 12MHz, 400V/us Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1356 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1356 Datasheet HTML 3Page - Linear Technology LT1356 Datasheet HTML 4Page - Linear Technology LT1356 Datasheet HTML 5Page - Linear Technology LT1356 Datasheet HTML 6Page - Linear Technology LT1356 Datasheet HTML 7Page - Linear Technology LT1356 Datasheet HTML 8Page - Linear Technology LT1356 Datasheet HTML 9Page - Linear Technology LT1356 Datasheet HTML 10Page - Linear Technology LT1356 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1355/LT1356
TYPICAL PERFORMANCE CHARACTERISTICS
Gain Bandwidth and Phase
Margin vs Temperature
TEMPERATURE (
°C)
8
10
18
16
12
14
9
11
17
13
15
32
34
36
52
50
46
48
40
42
38
44
– 50
–25
25
100
125
50
75
0
1355/1356 G16
PHASE MARGIN
VS = ±15V
GAIN BANDWIDTH
VS = ±5V
PHASE MARGIN
VS = ±5V
GAIN BANDWIDTH
VS = ±15V
Output Impedance vs Frequency
FREQUENCY (Hz)
–6
–8
–10
10
1355/1356 G19
2
–2
6
–4
4
0
8
VS = ±15V
TA = 25°C
AV = –1
100k
1M
100M
10M
C = 1000pF
C = 500pF
C = 100pF
C = 50pF
C = 0
FREQUENCY (Hz)
0
40
20
100
80
60
100k
1M
1k
10k
100
10M
100M
1355/1356 G20
– PSRR
+PSRR
VS = ±15V
TA = 25°C
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
0
40
20
120
100
80
60
1k
100M
10M
1M
100k
10k
1355/1356 G21
VS = ±15V
TA = 25°C
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
10k
–10
0
70
100k
100M
1355/1356 G14
1M
30
40
10
20
10M
50
60
120
40
60
0
20
80
100
VS = ±15V
VS = ±5V
VS = ±5V
GAIN
VS = ±15V
PHASE
TA = 25°C
AV = –1
RF = RG = 2k
Gain and Phase vs Frequency
FREQUENCY (Hz)
100k
–5
–3
–4
5
1M
100M
1355/1356 G17
1
–1
10M
3
–2
2
0
4
±5V
±15V
±2.5V
TA = 25°C
AV = 1
RL = 2k
Frequency Response vs
Supply Voltage (AV = 1)
Frequency Response vs
Supply Voltage (AV = –1)
FREQUENCY (Hz)
100k
–5
–3
–4
5
1M
100M
1355/1356 G18
1
–1
10M
3
–2
2
0
4
±15V
±2.5V
TA = 25°C
AV = –1
RF = RG = 2k
±5V
SUPPLY VOLTAGE (
±V)
8
12
10
18
16
14
11
9
17
15
13
30
38
34
50
48
44
40
36
32
46
42
10
5
015
20
1355/1356 G15
TA = 25°C
PHASE MARGIN
GAIN BANDWIDTH
Gain Bandwidth and Phase
Margin vs Supply Voltage
Frequency Response vs
Capacitive Load
FREQUENCY (Hz)
10k
0.01
1k
100k
100M
1355/1356 G13
1M
10
0.1
1
10M
100
AV = 1
AV = 100
AV = 10
VS = ±15V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com