Electronic Components Datasheet Search
  English  ▼

X  

MMBD4148SE Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MMBD4148SE
Description  SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMBD4148SE Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MMBD4148SE Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMBD4148SE Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMBD4148SE Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMBD4148SE Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: DS_S1408006
Version: B14
MMBD4148/CA/CC/SE
Taiwan Semiconductor
Small Signal Product
0.001
0.01
0.1
1
00.5
1
1.5
VF, Instantaneous Forward Voltage (V)
Fig. 2 Forward Characteristics
TA=150oC
TA=75oC
TA=25oC
TA=0oC
TA= -40oC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
10
203040
VR, Reverse Voltage (V)
Fig. 4 Typical Capacitance vs. Reverse Voltage
0.1
1
10
100
1000
10000
0
20406080
100
VR, Instantaneous Reverse Voltage (V)
Fig. 3 Typical Reverse Characteristics
TA=-40oC
TA=0oC
TA=25oC
TA=75oC
TA=150oC
TA=125oC
0
100
200
300
400
500
0
100
200
TA, Ambient Temperature (oC)
Fig. 1 Power Derating Curve
f=1.0 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com