Electronic Components Datasheet Search
  English  ▼

X  

MMBD4148SE Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MMBD4148SE
Description  SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMBD4148SE Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MMBD4148SE Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMBD4148SE Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMBD4148SE Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMBD4148SE Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PART NO.
PART NO.
MMBD4148
MMBD4148
Min
Max
Min
Max
A
2.70
3.10
0.106
0.122
B
1.10
1.50
0.043
0.059
C
0.30
0.51
0.012
0.020
D
1.78
2.04
0.070
0.080
E
2.10
2.64
0.083
0.104
F
0.89
1.30
0.035
0.051
G
H
A
B
C
D
Marking
5D
A1
A4
A7
Document Number: DS_S1408006
Version: B14
Small Signal Product
ORDERING INFORMATION
MANUFACTURE
CODE
PACKING CODE
Unit (mm)
Typ.
SUGGEST PAD LAYOUT
RF
R5
3K / 7" Reel
0.55 REF
0.022 REF
0.1 REF
0.004 REF
0.95
2.0
Note 2: Manufacture special control, if empty means no special control requirement.
(Note 2)
MMBD414x
(Note 1)
SOT-23
G
GREEN COMPOUND
CODE
PACKAGE
10K / 13" Reel
GREEN COMPOUND
CODE
DESCRIPTION
DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
R5
G
Green compound
MMBD4148/CA/CC/SE
Taiwan Semiconductor
EXAMPLE
PREFERRED P/N
MANUFACTURE
CODE
PACKING CODE
PACKING
Note 1 : "x" is Device Code from "8" thru "8SE".
MMBD4148-B0 R5G
B0
R5
G
Green compound
MMBD4148 R5G
DIM.
Unit (inch)
Typ.
0.037
0.079
0.035
0.9
MMBD4148SE
0.031
MARKING
Part No.
MMBD4148
MMBD4148CA
MMBD4148CC
0.8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com