Electronic Components Datasheet Search
  English  ▼

X  

LT1370 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1370
Description  500kHz High Efficiency 6A Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1370 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1370 Datasheet HTML 7Page - Linear Technology LT1370 Datasheet HTML 8Page - Linear Technology LT1370 Datasheet HTML 9Page - Linear Technology LT1370 Datasheet HTML 10Page - Linear Technology LT1370 Datasheet HTML 11Page - Linear Technology LT1370 Datasheet HTML 12Page - Linear Technology LT1370 Datasheet HTML 13Page - Linear Technology LT1370 Datasheet HTML 14Page - Linear Technology LT1370 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1370
APPLICATIO S I FOR ATIO
Layout Considerations
For maximum efficiency, LT1370 switch rise and fall times
are made as short as possible. To prevent radiation and
high frequency resonance problems, proper layout of the
components connected to the switch node is essential. B
field (magnetic) radiation is minimized by keeping output
diode, switch pin and output bypass capacitor leads as
short as possible. Figure 3 shows recommended posi-
tions for these components. E field radiation is kept low by
minimizing the length and area of all traces connected to
the switch pin. A ground plane should always be used
under the switcher circuitry to prevent interplane
coupling.
The high speed switching current path is shown schemati-
cally in Figure 4. Minimum lead length in this path is
essential to ensure clean switching and low EMI. The path
including the switch, output diode and output capacitor is
the only one containing nanosecond rise and fall times.
Keep this path as short as possible.
More Help
For more detailed information on switching regulator
circuits, please see Application Note 19. Linear
Technology also offers a computer software program,
SwitcherCAD
TM, to assist in designing switching convert-
ers. In addition, our Applications Department is always
ready to lend a helping hand.
Figure 4
LOAD
VOUT
L1
SWITCH
NODE
LT1370 • F04
VIN
HIGH
FREQUENCY
CIRCULATING
PATH
VIN
NFB
GND
FB
VSW
VC
S/S
C
D
KEEP PATH FROM
VSW, OUTPUT DIODE,
OUTPUT CAPACITORS
AND GROUND RETURN
AS SHORT AS POSSIBLE
C
LT1370 • F03
Figure 3. Layout Considerations— R Package
SwitcherCAD is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com