Electronic Components Datasheet Search
  English  ▼

X  

LT1370 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1370
Description  500kHz High Efficiency 6A Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1370 Datasheet(HTML) 5 Page - Linear Technology

  LT1370 Datasheet HTML 1Page - Linear Technology LT1370 Datasheet HTML 2Page - Linear Technology LT1370 Datasheet HTML 3Page - Linear Technology LT1370 Datasheet HTML 4Page - Linear Technology LT1370 Datasheet HTML 5Page - Linear Technology LT1370 Datasheet HTML 6Page - Linear Technology LT1370 Datasheet HTML 7Page - Linear Technology LT1370 Datasheet HTML 8Page - Linear Technology LT1370 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1370
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
400
500
600
150
LT1370 • G11
300
200
0
0
50
100
100
800
700
–25
25
75
125
VFB =VREF
Feedback Input Current
vs Temperature
TEMPERATURE (
°C)
–50
–50
–30
0
0
50
75
LT1370 • G12
–40
–10
–20
–25
25
100 125
150
VNFB =VNFR
Negative Feedback Input Current
vs Temperature
VC Pin Threshold and High
Clamp Voltage vs Temperature
TEMPERATURE (
°C)
–50
1.0
1.4
2.2
0
50
75
LT1370 • G10
1.2
1.8
2.0
1.6
–25
25
100 125
150
VC HIGH CLAMP
VC THRESHOLD
PIN FUNCTIONS
VC: The Compensation pin is used for frequency compen-
sation, current limiting and soft start. It is the output of the
error amplifier and the input of the current comparator.
Loop frequency compensation can be performed with an
RC network connected from the VC pin to ground. See
Applications Information.
FB: The Feedback pin is used for positive output voltage
sensing and oscillator frequency shifting. It is the invert-
ing input to the error amplifier. The noninverting input of
this amplifier is internally tied to a 1.245V reference.
NFB: The Negative Feedback pin is used for negative
output voltage sensing. It is connected to the inverting
input of the negative feedback amplifier through a 100k
source resistor.
S/S: Shutdown and Synchronization Pin. The S/S pin is
logic level compatible. Shutdown is active low and the
shutdown threshold is typically 1.3V. For normal opera-
tion, pull the S/S pin high, tie it to VIN or leave it floating. To
synchronize switching, drive the S/S pin between 600kHz
and 800kHz. See Applications Information.
VIN: Bypass Input Supply Pin with a Low ESR Capacitor,
10
µF or More. The regulator goes into undervoltage lock-
out when VIN drops below 2.5V. Undervoltage lockout
stops switching and pulls the VC pin low.
VSW: The Switch pin is the collector of the power switch
and has large currents flowing through it. Keep the traces
to the switching components as short as possible to
minimize radiation and voltage spikes.
GND: Tie all ground pins to a good quality ground plane.
See Applications Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com