Electronic Components Datasheet Search
  English  ▼

X  

UPD753036GC Datasheet(PDF) 2 Page - NEC

Part # UPD753036GC
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753036GC Datasheet(HTML) 2 Page - NEC

  UPD753036GC Datasheet HTML 1Page - NEC UPD753036GC Datasheet HTML 2Page - NEC UPD753036GC Datasheet HTML 3Page - NEC UPD753036GC Datasheet HTML 4Page - NEC UPD753036GC Datasheet HTML 5Page - NEC UPD753036GC Datasheet HTML 6Page - NEC UPD753036GC Datasheet HTML 7Page - NEC UPD753036GC Datasheet HTML 8Page - NEC UPD753036GC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
2
µPD753036, 753036(A)
Data Sheet U11353EJ4V0DS00
Functional Outline
Parameter
Function
Minimum instruction
• 0.95, 1.91, 3.81, 15.3
µs (main system clock: @4.19 MHz operation)
execution time
• 0.67, 1.33, 2.67, 10.7
µs (main system clock: @6.0 MHz operation)
• 122
µs (subsystem clock: @32.768 kHz operation)
On-chip memory
ROM
16384
× 8 bits
RAM
768
× 4 bits
General purpose register
• 4-bit operation: 8
× 4 banks
• 8-bit operation: 4
× 4 banks
Input/
CMOS input
8
On-chip pull-up resistors can be specified by using software: 27
output
CMOS input/output
20
port
Bit port output
8
Also used for segment pins
N-ch open-drain
8
On-chip pull-up resistors can be specified by using mask option
input/output pins
13 V withstand voltage
Total
44
LCD controller/driver
• Segment selection:
12/16/20 segments (can be changed to bit port output
in unit of 4; max. 8)
• Display mode selection:
Static
1/2 duty (1/2 bias)
1/3 duty (1/2 bias)
1/3 duty (1/3 bias)
1/4 duty (1/3 bias)
On-chip split resistor for LCD drive can be specified by using mask option
Timer
5 channels
• 8-bit timer/event counter: 3 channels
(16-bit timer/event counter, career generator, timer with gate)
• Basic interval/watchdog timer: 1 channel
• Watch timer: 1 channel
Serial interface
• 3-wire serial I/O mode ... MSB or LSB can be selected for transferring first bit
• 2-wire serial I/O mode
• SBI mode
A/D converter
8-bit resolution
× 8 channels (1.8 V ≤ AVREF ≤ VDD)
Bit sequential buffer (BSB)
16 bits
Clock output (PCL)
•
Φ, 524, 262, 65.5 kHz (main system clock: @4.19 MHz operation)
•
Φ, 750, 375, 93.8 kHz (main system clock: @6.0 MHz operation)
Buzzer output (BUZ)
• 2, 4, 32 kHz (main system clock: @4.19 MHz operation
or subsystem clock: @32.768 kHz operation)
• 2.93, 5.86, 46.9 kHz (main system clock: @6.0 MHz operation)
Vectored interrupts
External: 3, Internal: 5
Test input
External: 1, Internal: 1
System clock oscillator
• Ceramic or crystal oscillator for main system clock oscillation
• Crystal oscillator for subsystem clock oscillation
Standby function
STOP/HALT mode
Power supply voltage
VDD = 1.8 to 5.5 V
Package
• 80-pin plastic QFP (14
× 14 mm, 0.65 mm pitch)
• 80-pin plastic TQFP (fine pitch) (12
× 12 mm, 0.5 mm pitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com