Electronic Components Datasheet Search
  English  ▼

X  

UPD753036GC Datasheet(PDF) 21 Page - NEC

Part # UPD753036GC
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753036GC Datasheet(HTML) 21 Page - NEC

Back Button UPD753036GC Datasheet HTML 17Page - NEC UPD753036GC Datasheet HTML 18Page - NEC UPD753036GC Datasheet HTML 19Page - NEC UPD753036GC Datasheet HTML 20Page - NEC UPD753036GC Datasheet HTML 21Page - NEC UPD753036GC Datasheet HTML 22Page - NEC UPD753036GC Datasheet HTML 23Page - NEC UPD753036GC Datasheet HTML 24Page - NEC UPD753036GC Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
21
µPD753036, 753036(A)
Data Sheet U11353EJ4V0DS00
6. PERIPHERAL HARDWARE FUNCTIONS
6.1 Digital I/O Port
The following four types of I/O ports are available:
•
CMOS input (PORT0 and 1)
:
8 pins
•
CMOS I/O (PORT2, 3, 6, 7, and 8) : 20 pins
•
N-ch open-drain I/O (PORT4 and 5) :
8 pins
•
Bit port output (BP0 through BP7)
:
8 pins
Total
: 44 pins
Table 6-1. Types and Features of Digital Ports
Port Name
Function
Operation & Features
Remarks
PORT0
4-bit input
When using serial interface function, the dual function
Also used as the INT4,
pin can function as the output port depending on the
SCK, SO/SB0, SI/SB1 pins.
operation mode.
PORT1
4-bit input port
Also used as the INT0-
INT2 and TI0 pins.
PORT2
4-bit I/O
Can be set to input mode or output mode in 4-bit
Also used as the PTO0-
units.
PTO2, PCL, BUZ pins.
PORT3
Can be set to input mode or output mode in 1-bit
Also used as the LCDCL,
units.
SYNC pins.
PORT4
4-bit I/O
Can be set to input mode
Ports 4 and 5 are paired
On-chip pull-up resistor can
(N-channel
or output mode in 4-bit
and data can be input/
be specified bit-wise by
open-drain,
units.
output in 8-bit units.
mask option.
PORT5
13 V with-
stand voltage)
PORT6
4-bit I/O
Can be set to input mode
Ports 6 and 7 are paired
Also used as the KR0-KR3
or output mode in 1-bit
and data can be input/
pins.
units.
output in 8-bit units.
PORT7
Can be set to input mode
Also used as the KR4-KR7
or output mode in 4-bit
pins.
units.
PORT8
Can be set to input mode or output mode in 4-bit
Also used as the TI1, TI2,
units
AN6, AN7 pins.
BP0-BP7
1-bit output
Outputs data bit-wise. Can be switched to LCD drive
—
segment output S24-S31 by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com