Electronic Components Datasheet Search
  English  ▼

X  

LT1432 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1432
Description  5V High Efficiency Step-Down Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1432 Datasheet HTML 10Page - Linear Technology LT1432 Datasheet HTML 11Page - Linear Technology LT1432 Datasheet HTML 12Page - Linear Technology LT1432 Datasheet HTML 13Page - Linear Technology LT1432 Datasheet HTML 14Page - Linear Technology LT1432 Datasheet HTML 15Page - Linear Technology LT1432 Datasheet HTML 16Page - Linear Technology LT1432 Datasheet HTML 17Page - Linear Technology LT1432 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
LT1432
because these traces do not have errors caused by plating
operations. The suggested trace width for 1/2oz foil is
0.03" for each 1A of current limit to keep trace temperature
rise reasonable. 3A current limit would require the width
to be 0.09". 1oz foil can reduce trace width to 0.02" per
amp. Inductance in the trace is not critical so the trace can
be wound serpentine or any other shape that fits available
space. Kelvin connections should be used as shown in
Figure 14 to avoid errors due to termination resistance.
The length of the sense resistor trace can be calculated
from:
Length =
WR
R
Inches
SENSE
CU
()
W = width of copper trace (
≈0.03" per amp for 1/2oz
copper foil)
RCU = resistivity of PCB trace, expressed as Ω per square.
It is found by calculating the resistance of a section of trace
with equal length and width. For typical 1/2oz material,
RCU is approximately 1mΩ per square. In the example
shown above, with width = 2A times 0.03" = 0.06";
S
APPLICATI
I FOR ATIO
Figure 15. Adding Foldback Current Limiting
Current limiting maintains true switching action, but power
dissipation in the IC switch and catch diode will shift
depending on output voltage. At output voltages near the
correct regulated value, power will be distributed between
switch and the diode according to the usual calculations.
Under short circuit conditions, switch duty cycle will drop
to a very low value, and power will concentrate in the
diode, which will be running at near 100% duty cycle. If
continuous shorts must be tolerated, the catch diode must
be sized to handle the full current limit value, or foldback
current can be used.
Foldback Current Limiting
Foldback current limiting makes the short circuit current
limit somewhat lower than the full load current limit to
reduce component stress under short circuit conditions.
This is shown in Figure 15 with the addition of R3 and R4.
The voltage drop across R3 adds to the 60mV current limit
+
VSW
FB
GND
VIN
VC
LT1271
+
C1
200
µF
35V
C6
0.02
µF
C4
0.1
µF
R1
680
Ω
C5
0.03
µF
D1
MBR330p
C3
4.7
µF
TANT
D2
1N4148
L1
50
µH
R2
0.025
Ω
C2
470
µF
16V
VOUT
5V
3A
+
×
220pF
<0.3V = NORMAL MODE
>2.5V = SHUTDOWN
OPEN = BURST MODE
VIN
6V – 25V
LT1432 F15
R3
100
Ω
R4
12.5k
VC
VIN
MODE
VOUT
VLIM
V+
LT1432
GND
OPTIONAL
OUTPUT
FILTER
100
µF
16V
10
µH
3A
+
DIODE
Length =
0.06 0.02
0.001
= 1.2 Inches
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com