Electronic Components Datasheet Search
  English  ▼

X  

LT1432 Datasheet(PDF) 28 Page - Linear Technology

Part # LT1432
Description  5V High Efficiency Step-Down Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT1432 Datasheet HTML 20Page - Linear Technology LT1432 Datasheet HTML 21Page - Linear Technology LT1432 Datasheet HTML 22Page - Linear Technology LT1432 Datasheet HTML 23Page - Linear Technology LT1432 Datasheet HTML 24Page - Linear Technology LT1432 Datasheet HTML 25Page - Linear Technology LT1432 Datasheet HTML 26Page - Linear Technology LT1432 Datasheet HTML 27Page - Linear Technology LT1432 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LT1432
© LINEAR TECHNOLOGY CORPORATION 1992
LT/GP 0392 10K REV 0
TJMAX
θJA
100
°C 150°C/W
S8 Package
8-Lead Small Outline
N8 Package
8-Lead Plastic DIP
12
3
4
8
76
5
0.250 ± 0.010
(6.350 ± 0.254)
0.400
(10.160)
MAX
N8 1291
0.009 - 0.015
(0.229 - 0.381)
0.300 – 0.320
(7.620 – 8.128)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
0.045 ± 0.015
(1.143 ± 0.381)
0.100 ± 0.010
(2.540 ± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130 ± 0.005
(3.302 ± 0.127)
0.020
(0.508)
MIN
0.018 ± 0.003
(0.457 ± 0.076)
0.125
(3.175)
MIN
1
2
3
4
0.150 – 0.157
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.198)
0.010 – 0.020
(0.254 – 0.508)
0.016 – 0.050
0.406 – 1.270
× 45°
0°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
S8 1291
0.053 – 0.069
(1.346 – 1.753)
0.014 – 0.019
(0.356 – 0.483)
0.004 – 0.010
(0.102 – 0.254)
0.050
(1.270)
BSC
TJMAX
θJA
100
°C 170°C/W
PACKAGE DESCRIPTIO
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 FAX: (408) 434-0507 TELEX: 499-3977



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com