Electronic Components Datasheet Search
  English  ▼

X  

LT1457 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1457
Description  Dual, Precision JFET Input Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1457 Datasheet(HTML) 2 Page - Linear Technology

  LT1457 Datasheet HTML 1Page - Linear Technology LT1457 Datasheet HTML 2Page - Linear Technology LT1457 Datasheet HTML 3Page - Linear Technology LT1457 Datasheet HTML 4Page - Linear Technology LT1457 Datasheet HTML 5Page - Linear Technology LT1457 Datasheet HTML 6Page - Linear Technology LT1457 Datasheet HTML 7Page - Linear Technology LT1457 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1457
LT1457ACN8
LT1457CN8
ORDER PART
NUMBER
Supply Voltage ......................................................
±20V
Differential Input Voltage .......................................
±40V
Input Voltage .......................... Equal to Supply Voltages
Output Short-Circuit Duration .......................... Indefinite
Operating Temperature Range ................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
LT1457S8
8
7
6
5
4
3
2
1
–IN A
+IN A
V+
TOP VIEW
N8 PACKAGE
8-LEAD PLASTIC DIP
OUT A
OUT B
V–
–IN B
+IN B
A
B
TJMAX = 115°C, θJA = 130°C/ W
8
7
6
5
4
3
2
1
V –
+IN B
–IN A
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SOIC
+IN A
OUT A
–IN B
V+
OUT B
B
A
NOTE: THIS PIN CONFIGURATION DIFFERS FROM
THE 8-LEAD DIP PIN LOCATIONS. INSTEAD, IT
FOLLOWS THE INDUSTRY STANDARD LT1013DS8
SO PACKAGE CONFIGURATION.
TJMAX = 130°C, θJA = 190°C/ W
S8 PART MARKING
1457
Consult factory for Industrial and Military grade parts.
LT1457AC
LT1457C/LT1457S8
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1457AC/C
150
450
200
800
µV
LT1457S8
220
1200
µV
IOS
Input Offset Current
Fully Warmed Up
3
40
4
50
pA
IB
Input Bias Current
Fully Warmed Up
±5
±50
±7
±75
pA
Input Resistance -Differential
1012
1012
Ω
-Common-Mode
VCM = –11V to 8V
1012
1012
Ω
VCM = 8V to 11V
1011
1011
Ω
Input Capacitance
4
4
pF
en
Input Noise Voltage
0.1Hz to 10Hz
2.0
2.1
µVP–P
en
Input Noise Voltage Density
fO = 10Hz
26
28
nV/
√Hz
fO = 1kHz (Note 2)
13
22
14
24
nV/
√Hz
in
Input Noise Current Density
fO = 10Hz, 1kHz (Note 3)
1.5
4
1.8
6
fA/
√Hz
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
150
350
100
300
V/mV
VO = ±10V, RL = 1k
120
250
80
220
V/mV
Input Voltage Range
±10.5 14.3
±10.5
14.3
V
–11.5
–11.5
V
CMRR
Common-Mode Rejection Ratio
VCM = ±10.5V
86
100
82
98
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±18V
88
103
86
102
dB
VOUT
Output Voltage Swing
RL = 2k
±12
±13
±12
±13
V
SR
Slew Rate
2
4
2
4
V/
µs
VS = ±15V, TA = 25°C,VCM = 0V unless otherwise noted. (Note 1)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com