Electronic Components Datasheet Search
  English  ▼

X  

LT1457 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1457
Description  Dual, Precision JFET Input Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1457 Datasheet(HTML) 6 Page - Linear Technology

  LT1457 Datasheet HTML 1Page - Linear Technology LT1457 Datasheet HTML 2Page - Linear Technology LT1457 Datasheet HTML 3Page - Linear Technology LT1457 Datasheet HTML 4Page - Linear Technology LT1457 Datasheet HTML 5Page - Linear Technology LT1457 Datasheet HTML 6Page - Linear Technology LT1457 Datasheet HTML 7Page - Linear Technology LT1457 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1457
TYPICAL PERFORMANCE CHARACTERISTICS
Small-Signal Response
AV = 1, CL = 10,000pF
APPLICATIONS INFORMATION
LT1457 TPC20
LT1457 TPC19
LT1457 TPC21
Large-Signal Response
AV = 1, CL = 100pF
Small-Signal Response
AV = 1, CL = 1000pF
Phase Reversal Protection
Most industry standard JFET input single, dual, and quad
op amps (e.g., LF156, LF351, LF353, LF411, LF412,
OP-15, OP-16, OP-215, and TL084) exhibit phase reversal
at the output when the negative common-mode limit at the
input is exceeded (i.e., below –12V with
±15V supplies).
The photos show a
±16V sine wave input (A), the response
of an LF412A in the unity gain follower mode (B), and the
response of the LT1457 (C).
The phase reversal of photo (B) can cause lock-up in servo
systems. The LT1457 does not phase-reverse due to a
unique phase reversal protection circuit.
All Photos 5V/Div Vertical Scale, 50
µs/Div Horizontal Scale
(B) LF412A Output
(A)
±16V Sine Wave Input
(C) LT1457 Output
LT1457 AI03
LT1457 AI01
LT1457 AI02



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com