Electronic Components Datasheet Search
  English  ▼

X  

LT1375HVIS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1375HVIS8
Description  1.5A, 500kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1375HVIS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1375HVIS8 Datasheet HTML 11Page - Linear Technology LT1375HVIS8 Datasheet HTML 12Page - Linear Technology LT1375HVIS8 Datasheet HTML 13Page - Linear Technology LT1375HVIS8 Datasheet HTML 14Page - Linear Technology LT1375HVIS8 Datasheet HTML 15Page - Linear Technology LT1375HVIS8 Datasheet HTML 16Page - Linear Technology LT1375HVIS8 Datasheet HTML 17Page - Linear Technology LT1375HVIS8 Datasheet HTML 18Page - Linear Technology LT1375HVIS8 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
LT1375/LT1376
APPLICATIONS INFORMATION
–
+
–
+
2.38V
0.4V
GND
VSW
LT1375/LT1376
INPUT
RFB
RHI
1375/76 F04
OUTPUT
SHDN
STANDBY
IN
TOTAL
SHUTDOWN
3.5
µA
RLO
C1
+
Figure 4. Undervoltage Lockout
or latch low under low source voltage conditions. UVLO
prevents the regulator from operating at source voltages
where these problems might occur.
Threshold voltage for lockout is about 2.38V, slightly less
than the internal 2.42V reference voltage. A 3.5
µA bias
current flows
out of the pin at threshold. This internally
generated current is used to force a default high state on
the shutdown pin if the pin is left open. When low shut-
down current is not an issue, the error due to this current
can be minimized by making RLO 10k or less. If shutdown
current is an issue, RLO can be raised to 100k, but the error
due to initial bias current and changes with temperature
should be considered.
Rk
R
RV
V
VR
A
LO
HI
LO
IN
LO
=
()
=
−
()
−
()
10
238
238
3 5
to 100k 25k suggested
.
.. µ
VIN = Minimum input voltage
Keep the connections from the resistors to the shutdown
pin short and make sure that interplane or surface capaci-
tance to the switching nodes are minimized. If high resis-
tor values are used, the shutdown pin should be bypassed
with a 1000pF capacitor to prevent coupling problems
from the switch node. If hysteresis is desired in the
undervoltage lockout point, a resistor RFB can be added to
the output node. Resistor values can be calculated from:
R
RV
V V
V
RA
RR
V
V
HI
LO
IN
OUT
FB
HI
OUT
=
−+
()+
[]
−
()
=
()(
)
238
1
238
2 35
./
..
/
∆∆
∆
µ
25k suggested for RLO
VIN = Input voltage at which switching stops as input
voltage descends to trip level
∆V = Hysteresis in input voltage level
Example: output voltage is 5V, switching is to stop if input
voltage drops below 12V and should not restart unless
input rises back to 13.5V.
∆V is therefore 1.5V and VIN =
12V. Let RLO = 25k.
R
k
kA
k
k
Rk
k
HI
FB
=
−+
()+
[]
−
()
=
()
=
=
()=
25 12 2 38 1 5 5 1
1 5
238 25 3 5
25 10 41
229
114
114 5 1 5
380
.. /
.
..
.
.
/.
µ
SWITCH NODE CONSIDERATIONS
For maximum efficiency, switch rise and fall times are
made as short as possible. To prevent radiation and high
frequency resonance problems, proper layout of the com-
ponents connected to the switch node is essential. B field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com