Electronic Components Datasheet Search
  English  ▼

X  

LT1375HVIS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1375HVIS8
Description  1.5A, 500kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1375HVIS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1375HVIS8 Datasheet HTML 1Page - Linear Technology LT1375HVIS8 Datasheet HTML 2Page - Linear Technology LT1375HVIS8 Datasheet HTML 3Page - Linear Technology LT1375HVIS8 Datasheet HTML 4Page - Linear Technology LT1375HVIS8 Datasheet HTML 5Page - Linear Technology LT1375HVIS8 Datasheet HTML 6Page - Linear Technology LT1375HVIS8 Datasheet HTML 7Page - Linear Technology LT1375HVIS8 Datasheet HTML 8Page - Linear Technology LT1375HVIS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LT1375/LT1376
Kool M
µ is a registered trademark of Magnetics, Inc.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Gain is measured with a VC swing equal to 200mV above the low
clamp level to 200mV below the upper clamp level.
Note 3: Minimum input voltage is not measured directly, but is guaranteed
by other tests. It is defined as the voltage where internal bias lines are still
regulated so that the reference voltage and oscillator frequency remain
constant. Actual minimum input voltage to maintain a regulated output will
depend on output voltage and load current. See Applications Information.
Note 4: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the internal power switch.
Note 5: Boost current is the current flowing into the BOOST pin with the
pin held 5V above input voltage. It flows only during switch-on time.
Note 6: Input supply current is the bias current drawn by the input pin
when the BIAS pin is held at 5V with switching disabled. Output supply
current is the current drawn by the BIAS pin when the bias pin is held at
5V. Total input referred supply current is calculated by summing input
supply current (ISI) with a fraction of output supply current (ISO):
ITOT = ISI + (ISO)(VOUT/VIN)(1.15)
With VIN = 15V, VOUT = 5V, ISI = 0.9mA, ISO = 3.6mA, ITOT = 2.28mA.
For the LT1375, quiescent current is equal to:
ITOT = ISI + ISO(1.15)
because the BIAS pin is internally connected to VIN.
Note 7: Switch-on resistance is calculated by dividing VIN to VSW voltage
by the forced current (1.5A). See Typical Performance Characteristics for
the graph of switch voltage at other currents.
Note 8: Transconductance and voltage gain refer to the internal amplifier
exclusive of the voltage divider. To calculate gain and transconductance
refer to sense pin on fixed voltage parts. Divide values shown by the ratio
VOUT/2.42.
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. TJ = 25°C, VIN = 15V, VC = 1.5V, boost open, switch open,
unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Shutdown Thresholds
VC Open
Device Shutting Down
q
0.15
0.37
0.60
V
Device Starting Up
q
0.25
0.45
0.60
V
VC Open
LT1375HV/LT1376HV Device Shutting Down
q
0.15
0.37
0.70
V
LT1375HV/LT1376HV Device Starting Up
q
0.25
0.45
0.70
V
Minimum Synchronizing Amplitude (LT1375 Only)
VIN = 5V
q
1.5
2.2
V
Synchronizing Range (LT1375 Only)
580
900
kHz
SYNC Pin Input Resistance
40
k
Ω
INDUCTANCE (
µH)
05
1.0
0.1
0.01
0.001
10
15
20
20
12
8
4
2
1.2
0.8
0.4
0.2
0.12
0.08
0.04
0.02
25
1375/76 G01
TYPE 52
POWDERED IRON
Kool M
µ®
PERMALLOY
µ = 125
VOUT = 5V, VIN = 10V, IOUT = 1A
CORE LOSS IS
INDEPENDENT OF LOAD
CURRENT UNTIL LOAD CURRENT FALLS
LOW ENOUGH FOR CIRCUIT TO GO INTO
DISCONTINUOUS MODE
Inductor Core Loss
TYPICAL PERFORMANCE CHARACTERISTICS
DUTY CYCLE (%)
0
2.5
2.0
1.5
1.0
0.5
0
80
1375/76 G08
20
40
60
100
TYPICAL
GUARANTEED MINIMUM
Switch Peak Current Limit
JUNCTION TEMPERATURE (
°C)
–50
2.44
2.43
2.42
2.41
2.40
100
1375/76 G09
–25
0
25
50
75
125
2.0
1.5
1.0
0.5
0
VOLTAGE
CURRENT
Feedback Pin Voltage and Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com