Electronic Components Datasheet Search
  English  ▼

X  

LT1431CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1431CS8
Description  Programmable Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1431CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1431CS8 Datasheet HTML 4Page - Linear Technology LT1431CS8 Datasheet HTML 5Page - Linear Technology LT1431CS8 Datasheet HTML 6Page - Linear Technology LT1431CS8 Datasheet HTML 7Page - Linear Technology LT1431CS8 Datasheet HTML 8Page - Linear Technology LT1431CS8 Datasheet HTML 9Page - Linear Technology LT1431CS8 Datasheet HTML 10Page - Linear Technology LT1431CS8 Datasheet HTML 11Page - Linear Technology LT1431CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1431
TYPICAL APPLICATIO S
Isolated 5V to
±15V Flyback Converter
Fully Loaded Output Ripple vs Filtering
+
210
µF
+
100
µF
+
100
µF
C*
LT1172
30mVP-P
LT1072
40mVP-P
6mVP-P
8mVP-P
L*
*L BELL INDUSTRIES J.W. MILLER
DIVISION 9310-36 10
µH, 450mA
LT1431 • TA12
3
56
8
1
2
V+
REF
GND-F
GND-S
COLL
COMP
2.4k
0.1
µF
20k
13.3k
2.7k
VOUT
VC
GND
VIN
LT1172
OR
LT1072
1.5k
0.68
µF
4N36
3k
0.47
µF
50
µF
4.5V
TO 5.5V
MUR105
4, 5
•
6, 7
•
2
10
•
9
MUR105
C*
15k
MUR105
+
C*
+
–15V, 70mA
15V, 70mA
COILTRONICS
CTX02-11934
MEASURED EFFICIENCY
LT117267.8% AT 2.2W
OUT
LT107268.6% AT 2.2W
OUT
LT107161.1% AT 4.4W
OUT
LT1431 • TA11
1
LT1431
12V to 5V Buck Converter with Foldback Current Limit*
Buck Converter Efficiency
ILOAD (A)
0
60
70
80
35
8
LT1431 • TA10
50
40
30
12
4
67
VIN = 9V
VIN = 12V
VIN = 15V
2
COLL
REF
GND-F
COMP
GND-S
V+
RMID
RTOP
1
1500pF
56
8
7
3
4
5k
VIN
VOUT
GND
LOGIC IN
VIN
LT1089
HI-SIDE SWITCH
MBR735
100
Ω
0.5W
PULSE ENGINEERING
#PE-51515
+
5V, 7A
3300
µF
*CONTACT LTC FOR HIGH EFFICIENCY
SWITCHING REGULATORS
LT1431 • TA09
LT1431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com