Electronic Components Datasheet Search
  English  ▼

X  

LT1431CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1431CS8
Description  Programmable Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1431CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1431CS8 Datasheet HTML 1Page - Linear Technology LT1431CS8 Datasheet HTML 2Page - Linear Technology LT1431CS8 Datasheet HTML 3Page - Linear Technology LT1431CS8 Datasheet HTML 4Page - Linear Technology LT1431CS8 Datasheet HTML 5Page - Linear Technology LT1431CS8 Datasheet HTML 6Page - Linear Technology LT1431CS8 Datasheet HTML 7Page - Linear Technology LT1431CS8 Datasheet HTML 8Page - Linear Technology LT1431CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1431
DESCRIPTIO
S
FEATURE
Programmable Reference
s
Guaranteed 0.4% Initial Voltage Tolerance
s
0.1
Ω Typical Dynamic Output Impedance
s
Fast Turn-On
s
Sink Current Capability, 1mA to 100mA
s
Low Reference Pin Current
The LT1431 is an adjustable shunt voltage regulator with
100mA sink capability, 0.4% initial reference voltage tol-
erance, and 0.3% typical temperature stability. On-chip
divider resistors allow the LT1431 to be configured as a 5V
shunt regulator, with 1% initial voltage tolerance and
requiring no additional external components. By adding
two external resistors, the output voltage may be set to any
value between 2.5V and 36V. The nominal internal current
limit of 100mA may be decreased by including one exter-
nal resistor.
A simplified three pin version, the LT1431Z/IZ, is available
for applications as an adjustable reference and is pin
compatible with the TL431.
S
APPLICATI
s
Linear Regulators
s
Adjustable Power Supplies
s
Switching Power Supplies
APPLICATI
TYPICAL
Isolated 5V Regulator
LT1431 • TA01
+
+
SWITCHING
REGULATOR
–
VIN
COLL
COMP
V
+
LT1431
GND-F
GND-S
RTOP
REF
RMID
2.5V
5V
+
–
gm =
4mA/V


Similar Part No. - LT1431CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1431CS8-PBF LINER-LT1431CS8-PBF Datasheet
219Kb / 14P
Programmable Reference
LT1431CS8-TRPBF LINER-LT1431CS8-TRPBF Datasheet
219Kb / 14P
Programmable Reference
More results

Similar Description - LT1431CS8

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1431 MICROSEMI-LX1431 Datasheet
163Kb / 7P
PROGRAMMABLE REFERENCE
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
Programmable Voltage Reference
logo
Texas Instruments
TL1431 TI-TL1431_06 Datasheet
387Kb / 24P
PRECISION PROGRAMMABLE REFERENCE
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
Programmable Voltage Reference
Nov-2005
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
Programmable Voltage Reference
logo
Linear Technology
LT1431 LINER-LT1431_10 Datasheet
219Kb / 14P
Programmable Reference
logo
Texas Instruments
TL1431_101 TI-TL1431_101 Datasheet
645Kb / 28P
PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
LL431_1112 UTC-LL431_1112 Datasheet
221Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431-DIE TI-TL431-DIE Datasheet
68Kb / 4P
PRECISION PROGRAMMABLE REFERENCE
logo
Linear Technology
LT1431 LINER-LT1431_15 Datasheet
233Kb / 14P
Programmable Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com